データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JFX1-B3-R

  • AI
    The **JFX1-B3-R** is a specific electronic component, typically categorized as a high-performance **Metallized Polypropylene Film Capacitor** from the JFX series. These capacitors are widely utilized in high-end audio applications and power circuits due to their excellent electrical characteristics. --- ### 1. Key Technical Specifications The following table outlines the general technical parameters for the JFX series (specifications may vary slightly depending on the exact capacitance value represented by the "B3" suffix): | Parameter | Specification Details | | :--- | :--- | | **Dielectric Material** | Metallized Polypropylene Film | | **Capacitance Tolerance** | Typically ±5% (J) or ±10% (K) | | **Dissipation Factor** | ≤ 0.0010 (at 1KHz) | | **Insulation Resistance** | ≥ 30,000 MΩ (C ≤ 0.33μF) | | **Operating Temperature** | -55°C to +105°C | | **Construction** | Axial Lead, Cylindrical shape | --- ### 2. Physical Construction and Parts The "JFX1-B3-R" is built using specific materials to ensure signal integrity: 1. **Dielectric (Polypropylene):** This is the core material. Polypropylene is chosen for its low dielectric absorption and low ESR (Equivalent Series Resistance), which prevents signal distortion. 2. **Metallization:** A thin layer of metal (often Aluminum or Zinc) is vacuum-deposited directly onto the film, acting as the electrodes. 3. **Lead Wires:** Usually made of **Oxygen-Free Copper (OFC)** or tinned copper. The "R" in the suffix often denotes compliance with **RoHS** (Restriction of Hazardous Substances) standards. 4. **Outer Wrapping:** Typically finished with a flame-retardant tape wrap and epoxy end-fills to protect the internal elements from moisture. --- ### 3. Application Areas Because of the high-purity materials used in the JFX series, they are most commonly found in: * **Audio Crossovers:** Used in high-fidelity speaker systems to split frequencies between tweeters and woofers. * **Coupling/Decoupling:** Used in tube amplifiers and pre-amps to block DC while allowing AC audio signals to pass with minimal coloration. * **Power Supplies:** Used in high-end equipment to filter high-frequency noise. --- ### 4. Part Number Breakdown (Typical) * **JFX:** Series Name (Premium Grade Film Capacitor). * **1:** Voltage Rating Code (Often refers to a specific DC voltage range, e.g., 250V or 630V). * **B3:** Capacitance and Size identifier. * **R:** RoHS Compliant / Lead-Free.
    ✨ Follow-up Questions
    • ⤷ What is the specific capacitance value of the B3 suffix in this series?
    • ⤷ How does a polypropylene capacitor compare to a ceramic capacitor in audio quality?
    • ⤷ What are the voltage rating options for the JFX series?