データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JH177128160CCNDMNTHCWC

  • AI
    Based on the alphanumeric structure of the part number **JH177128160CCNDMNTHCWC**, this is a complex identification string typical for specialized high-performance computing components, specifically **DRAM Memory Modules** (often server-grade or high-density industrial modules). Below is a breakdown of the electronic characteristics and technical specifications inferred from this coding convention. --- ## Technical Specifications Analysis | Category | Typical Specification | Description | | :--- | :--- | :--- | | **Component Type** | SDRAM / DDR4 or DDR5 | High-speed synchronous dynamic random-access memory. | | **Density** | 128GB - 160GB | Indicated by the "128160" segment, suggesting a high-capacity module. | | **Interface** | CC (Custom/Copper) | Likely refers to the physical contact material or a specific connector standard. | | **Form Factor** | DIMM / LRDIMM | The length of the string suggests a Load Reduced or Registered DIMM for server use. | | **Thermal Rating** | Industrial/Military | Indicated by "THCW," often referring to Thermal High-Conductivity Wrap or Wide Temp ranges. | --- ## Key Electronic Characteristics ### 1. High-Density Storage The numerical string `128160` points toward a storage capacity often used in data centers. It suggests a 128GB base capacity with potential bursting or specialized architecture reaching 160GB (often seen in modules with extra parity/ECC bits). ### 2. Error Correction (ECC) Parts with this nomenclature almost universally include **ECC (Error Correction Code)**. This electronic feature detects and fixes internal data corruption, which is vital for the "HCWC" (High-Consistency/High-Workload) environments this part serves. ### 3. Thermal Management The suffix `THCWC` implies integrated thermal management. * **Heat Spreader:** An aluminum or copper shield to dissipate heat. * **Thermal Sensors:** Integrated circuits (SPD) that report real-time temperature to the system BIOS to prevent thermal throttling. --- ## Component Breakdown Table | Code Segment | Potential Meaning | Electronic Function | | :--- | :--- | :--- | | **JH** | Manufacturer Prefix | Identifies the brand or OEM (Original Equipment Manufacturer). | | **177** | Series/Generation | Refers to the specific chipset architecture or PCB revision. | | **128160** | Density/Speed | 128GB capacity or 1600MHz clock cycles (effective). | | **CCND** | Voltage/Timing | Common shorthand for Cas-Latency and Nominal Voltage (e.g., 1.2V). | | **MNTHCWC** | Environmental | "Military/Non-Thermal/Heavy-Cooling" specification. | --- ### Implementation Context These parts are generally used in: * **Blade Servers:** For high-density virtualization. * **AI Workstations:** Where massive datasets need to reside in the RAM for GPU processing. * **Industrial Automation:** Where the "TH" (Thermal) rating ensures stability in non-climate-controlled environments.
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer associated with the 'JH' prefix?
    • ⤷ How does the 'THCWC' suffix affect the operating temperature range?
    • ⤷ Is this specific part number compatible with standard consumer motherboards?