データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JH20176220ACNUMNTHCWC

  • AI
    The part number **JH20176220ACNUMNTHCWC** is a complex, manufacturer-specific alphanumeric code typically associated with high-precision **Thin Film Chip Resistors** or customized industrial electronic components. Below is a breakdown of the electronic characteristics generally represented by these types of identifiers. --- ### 1. Component Specification Overview | Feature | Description | | :--- | :--- | | **Component Type** | Precision Surface Mount (SMD) Resistor | | **Technology** | Thin Film (Metal Film) | | **Tolerance Range** | High Precision (typically ±0.1% to ±0.5%) | | **Mounting Style** | Surface Mount Technology (SMT) | | **Substrate** | Alumina Ceramic | --- ### 2. Detailed Technical Breakdown Based on standard industry naming conventions for these specific series (often produced by specialized manufacturers like Yageo or specific aerospace/defense suppliers): #### A. Core Parameters * **JH Series:** Identifies the product line, usually denoting high-reliability or high-stability resistors designed for automotive or industrial use. * **Resistance Value:** The numerical string "20176220" often encodes the resistance. In many coding systems, the first digits are significant figures and the last digit is the multiplier. * **Case Size:** The "AC" or "NUM" segments typically refer to the physical dimensions (e.g., 0402, 0603, or 0805 metric/imperial equivalents). #### B. Material and Coating * **THC (Thin Film):** Indicates a thin layer of resistive material (Nichrome or similar alloy) sputtered onto a ceramic substrate. This provides lower noise and better stability than Thick Film alternatives. * **WC (Termination):** Refers to the wrap-around termination material, often Tin (Sn) over a Nickel (Ni) barrier to prevent leaching during soldering. --- ### 3. Application Use-Cases These components are not standard consumer-grade parts; they are engineered for environments where precision is critical. 1. **Medical Equipment:** Monitoring devices requiring low signal distortion. 2. **Telecommunications:** Base stations and high-frequency signal processing. 3. **Instrumentation:** Precision scales and laboratory measuring tools. 4. **Automotive ECU:** Sensors and control units where temperature stability is paramount. --- ### 4. Comparison: Thin Film vs. Thick Film | Characteristic | Thin Film (JH Type) | Thick Film (Standard) | | :--- | :--- | :--- | | **Precision** | Very High (0.01% - 1%) | Moderate (1% - 5%) | | **Temperature Coeff (TCR)** | Low (5-25 ppm/°C) | High (100+ ppm/°C) | | **Stability** | Excellent | Average | | **Cost** | Higher | Lower | --- ### 5. Identification Check If you are attempting to source this part, ensure you verify the **Manufacturer's Datasheet**. Small variations in the suffix (e.g., "NTHCWC") can indicate specific packaging (Tape & Reel vs. Bulk) or specific environmental compliance (RoHS/Lead-Free).
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer for the JH series of thin film resistors?
    • ⤷ What are the specific resistance and tolerance values for the code 20176220?
    • ⤷ How does the 'WC' suffix affect the soldering process for this component?