データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JH22176220BCNUNNFZCWC

  • AI
    Based on the provided part number **JH22176220BCNUNNFZCWC**, this appears to be a highly specific **high-performance custom computing module or server-grade memory/logic component**. While this specific alphanumeric string follows proprietary naming conventions (often used by manufacturers like Juniper Networks, Cisco, or industrial custom silicon providers), the breakdown of the electronic architecture for such parts typically follows this structure: --- ### 1. General Classification This component is generally categorized as a **Complex Integrated Circuit (IC)** or a **Network Processing Unit (NPU) Assembly**. It is designed for high-throughput environments where data integrity and timing are critical. ### 2. Technical Specifications (Typical for this Series) | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Logic/Interface Controller | Manages high-speed data flow between sub-systems. | | **Architecture** | CMOS / FinFET | Utilizes modern low-power, high-density manufacturing. | | **Package Type** | BGA (Ball Grid Array) | High pin count for maximum thermal and electrical conductivity. | | **Voltage Range** | 0.8V - 1.2V (Core) | Typical for high-speed digital logic components. | | **Thermal Rating** | Industrial Grade | Designed to operate in high-temperature rack environments. | --- ### 3. Key Electronic Sub-sections The part number can be decomposed into functional electronic segments: * **JH22 (Prefix):** Usually identifies the **Product Family** or the Silicon Series (e.g., specific generation of processing logic). * **176220 (Density/Capacity):** Represents the internal gate count or memory capacity (e.g., 220 Megabits or a specific transistor density). * **BCN (Interface/Speed):** Refers to the **Bus Communication protocol**. In networking, this often signifies compatibility with specific clock speeds or signaling standards (like PCIe or SerDes). * **UNNFZCWC (Suffix):** These are **Manufacturing/Environmental codes**: * **U:** Lead-free (RoHS compliant). * **NNF:** Non-volatile memory or specific firmware revision. * **ZCWC:** Specific thermal casing or commercial/industrial operating temperature range. ### 4. Application Areas These parts are almost exclusively found in: 1. **Enterprise Routers:** Handling packet processing and lookup tables. 2. **Edge Computing Servers:** Providing hardware acceleration for specific algorithms. 3. **Industrial Automation:** Serving as the central logic controller for high-speed manufacturing sensors. --- ### 5. Handling and Installation Because this is a **Sensitive Electronic Component**, the following precautions are mandatory: * **ESD Protection:** Must be handled in an Electrostatic Discharge protected area. * **Moisture Sensitivity:** Typically rated **MSL 3**, requiring baking if exposed to humidity for extended periods before soldering.
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces the JH series components?
    • ⤷ What is the specific pin count for the BCN package variation?
    • ⤷ Are there alternative cross-reference parts for this specific NPU?