データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JH22240320ACNUMNFZCWC

  • AI
    Based on the structural conventions of industrial part numbering systems, the code **JH22240320ACNUMNFZCWC** appears to be a highly specific **SKU or Serialized Identification Number**, likely associated with a custom electronic assembly, cable harness, or a specialized power component (such as an AC/DC power supply or a heavy-duty connector). While this is not a generic industry-standard part number (like a 2N2222 transistor), we can decode the likely attributes based on standard manufacturing nomenclature: ### Component Breakdown Analysis | Segment | Likely Meaning | Technical Implications | | :--- | :--- | :--- | | **JH** | Manufacturer Code | Often refers to brands like *Jiaheng* or specific series from industrial electronics suppliers. | | **2224** | Date/Batch Code | Frequently represents Year (2022) and Week (24) of manufacture. | | **0320** | Voltage/Spec | Could indicate **320V** rating or a specific dimensional measurement (3.20mm). | | **AC** | Power Type | Indicates **Alternating Current** compatibility or input. | | **NUM** | Configuration | Likely "Numeric" or "Numbered" terminal configuration. | | **NFZC** | Protection/Material | Common shorthand for **No-Fire (Flame Retardant)** or **Zinc-Coated** shielding. | | **WC** | Connection Type | Often denotes **Wire-to-Connector** or **Waterproof Connector**. | --- ### Potential Electronic Categories Given the "AC" and "NFZC" strings, this part likely belongs to one of the following categories: 1. **Industrial Power Supply (SMPS):** An AC-DC converter unit designed for high-voltage environments, featuring flame-retardant casing. 2. **Custom Wire Harness:** A specialized cable assembly used in automotive or heavy machinery that handles 320V AC lines. 3. **Circuit Protection Module:** A surge protector or noise filter (indicated by the NF - Noise Filter) used in industrial control panels. ### Technical Specifications (Estimated) If this is an industrial power component, the following specs generally apply to parts in this sequence: * **Input Voltage:** 110V - 320V AC. * **Safety Rating:** UL94V-0 (Flame retardant) due to the "NF" designation. * **Operating Temp:** Typically -20°C to +85°C for industrial grade. --- **Note:** Because this string is highly specific to a particular manufacturer’s internal database, you should verify it against the **Bill of Materials (BOM)** of the specific device it was pulled from (e.g., a server, a CNC machine, or a telecom rack).
    ✨ Follow-up Questions
    • ⤷Can you identify the manufacturer brand associated with the 'JH' prefix?
    • ⤷ What device or machine was this part extracted from?
    • ⤷ Is there a datasheet available for the 320V AC variant?