データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JH241240320ACNFWNFZCWC

  • AI
    Based on the alphanumeric string **JH241240320ACNFWNFZCWC**, this component is a **Liquid Crystal Display (LCD) Module**, most likely a TFT (Thin Film Transistor) display. While this specific part number follows a manufacturer-specific naming convention (common for displays from suppliers like Jinhui or similar industrial vendors), we can decode the technical specifications embedded in the string. --- ### Technical Specification Breakdown | Segment | Meaning | Interpretation | | :--- | :--- | :--- | | **JH** | Manufacturer Prefix | Likely **Jinhui** or a specific industrial display house. | | **24** | Display Size | **2.4 inch** diagonal screen size. | | **240320** | Resolution | **240 x 320 Pixels** (QVGA resolution). | | **ACN** | Connection/Type | Likely refers to the interface type (e.g., MCU/SPI) or a specific revision. | | **FW** | Lighting | **Forward White** (Standard White LED Backlight). | | **NF** | Touch Panel | **Non-Function/No Film** (Usually indicates no touch screen/non-touch). | | **ZCWC** | Internal Code | Specific glass manufacturer, driver IC, or custom customer tuning. | --- ### Key Component Features #### 1. Display Technology * **Type:** TFT LCD. * **Resolution:** 240 (RGB) x 320. This is typically used in portrait mode but can be rotated via software. * **Colors:** Generally supports 65K or 262K colors. #### 2. Electrical Interface Most 2.4" displays of this class utilize a **4-wire SPI** (Serial Peripheral Interface) or an **8/16-bit Parallel MCU interface**. * **Driver IC:** Commonly powered by an **ILI9341** or **ST7789V** controller. * **Logic Voltage:** Typically **2.8V to 3.3V**. #### 3. Backlight Configuration * **LEDs:** Usually 4 white LEDs arranged in parallel or series. * **Voltage:** ~3.2V. * **Current:** ~60mA to 80mA. #### 4. Physical Construction * **FPC:** Flexible Printed Circuit tail, likely 37-pin or 40-pin depending on the interface. * **Touch:** Based on the "NF" designation, this specific unit is **non-touch**. --- ### Usage Guidelines To use this part in a circuit (e.g., with an Arduino, ESP32, or STM32), you will need: 1. **Level Shifters:** If your microcontroller is 5V, you must shift signals to 3.3V to avoid burning the Driver IC. 2. **Current Limiting Resistor:** A resistor (typically 10-47 ohms) is needed for the `LEDK` or `LEDA` pins to prevent backlight burnout. 3. **Library Support:** Standard libraries like `Adafruit_ILI9341` or `TFT_eSPI` are generally compatible.
    ✨ Follow-up Questions
    • ⤷ Which driver IC is most commonly used with this 240x320 LCD?
    • ⤷ What is the pinout for a standard 2.4 inch TFT LCD module?
    • ⤷ How do I interface this non-touch LCD with an ESP32?