データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JH28240320DFCNUNNFZCWC

  • AI
    Based on the part number **JH28240320DFCNUNNFZCWC**, this component is a **Liquid Crystal Display (LCD) module**, likely a generic or specialized TFT (Thin Film Transistor) panel. The alphanumeric string follows a standard manufacturer naming convention used in the display industry to define specific physical and electrical characteristics. --- ### Component Breakdown The following table provides a breakdown of the typical electronic specifications associated with this part number: | Segment | Feature | Description | | :--- | :--- | :--- | | **JH** | Manufacturer Prefix | Likely a reference to a Chinese display manufacturer (e.g., Jinghao). | | **28240320** | Resolution | Indicates a **240 x 320** pixel resolution (QVGA). | | **28** | Physical Size | Refers to a **2.8-inch** diagonal screen size. | | **DFC** | Interface Type | Often stands for **Digital interface** using an **FPC** (Flexible Printed Circuit) connector. | | **NUNN** | Panel Type | Usually indicates a **TN (Twisted Nematic)** or **IPS** panel without specific backlight enhancements. | | **FZCW** | Backlight/Connection | Defines the LED backlight configuration (White LEDs) and pinout arrangement. | --- ### Technical Specifications LCDs of this specific series generally share the following electronic properties: 1. **Display Mode:** Transmissive (requires a backlight to be visible). 2. **Controller/Driver IC:** Common ICs for this resolution include the **ILI9341** or **ST7789V**. These chips handle the logic for converting SPI/Parallel data into pixel voltage. 3. **Interface Options:** * **SPI (Serial Peripheral Interface):** Uses 4-5 wires; slower but saves MCU pins. * **MCU Parallel (8/16-bit):** Faster data transfer, ideal for animations or video. 4. **Operating Voltage:** * **Logic (VDD):** Typically 2.8V to 3.3V. * **Backlight (VLED):** Usually 3.0V to 3.2V (requires a current-limiting resistor). 5. **Color Depth:** 65K or 262K RGB colors. ### Connectivity The **FPC (Flexible Printed Circuit)** connector is the most critical electronic part of this module. It typically has **24 to 40 pins** which carry: * Power and Ground. * Data Bus (D0-D7 or D0-D15). * Control signals (Read, Write, Chip Select, Reset). * Backlight Anode/Cathode. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the ILI9341 driver used in these displays?
    • ⤷ How do I calculate the current-limiting resistor for the backlight of this LCD?
    • ⤷ Can this display be used with an Arduino or ESP32?