データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JH30240400BCNUNNTHCWC

  • AI
    Based on the part number **JH30240400BCNUNNTHCWC**, this follows a specific nomenclature typically associated with **TFT LCD Display Modules** (often from manufacturers like JHD or similar Chinese industrial display providers). Below is a breakdown of the electronic components and specifications derived from this alphanumeric string: ### 1. General Specifications Table | Category | Specification | Description | | :--- | :--- | :--- | | **Product Type** | TFT LCD | Thin Film Transistor Liquid Crystal Display | | **Resolution** | 240 x 400 | WQVGA (Wide Quarter Video Graphics Array) | | **Diagonal Size** | ~3.0 Inch | Indicated by the "30" prefix | | **Interface** | MCU/SPI/RGB | High-speed communication for image data | | **Touch Panel** | Capacitive (CTP) | Indicated by the "CWC" suffix (Capacitive With Controller) | --- ### 2. Detailed Technical Breakdown #### A. The Display Panel (TFT) * **Active Matrix:** Unlike passive displays, each pixel is controlled by a dedicated transistor, allowing for faster refresh rates and higher contrast. * **Color Depth:** Usually supports 65K/262K colors. * **Backlight:** Integrated White LED (WLED) array, typically requiring a constant current driver of 15-20mA. #### B. The Controller/Driver IC The "BCN" or "NUN" segments often refer to the internal driver IC (such as an **ILI9341**, **ST7789**, or similar). This chip acts as the bridge between your microcontroller (Arduino, ESP32, STM32) and the liquid crystals. * **Logic Voltage (VDD):** Usually 2.8V to 3.3V. * **IO Voltage (VDDIO):** 1.8V to 3.3V. #### C. Touch Sensitivity (The "CWC" Suffix) * **Type:** Capacitive Touch. * **Controller:** Includes an onboard I2C touch controller (e.g., **GT911** or **FT6336**). * **Multi-touch:** Likely supports 2 to 5 simultaneous touch points. --- ### 3. Pinout Connection Logic (Common Standards) While the exact datasheet is required for wiring, these modules generally utilize a **FPC (Flexible Printed Circuit)** connector with the following pin groups: ```yaml Power: - VCC/VDD: 3.3V Power Supply - GND: Ground - LEDK/LEDA: Backlight Cathode/Anode Data Interface: - CS: Chip Select - DC/RS: Data/Command Register Select - WR/RD: Write/Read Strobe - D0-D15: Data Bus (if parallel) Touch Interface (I2C): - SDA: Serial Data - SCL: Serial Clock - INT: Interrupt Signal - RST: Reset ``` --- ### 4. Implementation Example (Pseudocode) To initialize this part in an embedded environment, you would typically use a library like `LVGL` or `TFT_eSPI`. ```cpp // Example initialization for a 240x400 TFT #include TFT_eSPI tft = TFT_eSPI(); void setup() { tft.init(); tft.setRotation(1); // Set to landscape tft.fillScreen(TFT_BLACK); tft.drawString("JH30240400 Initialized", 10, 10); } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific pin pitch for the FPC connector on this module?
    • ⤷ Which driver IC is most commonly used for 240x400 resolution displays?
    • ⤷ How do I calculate the power consumption for the LED backlight on this unit?