データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JH395320480ACNFMNTZCWC

  • AI
    The part number **JH395320480ACNFMNTZCWC** appears to be a highly specific manufacturer code, likely associated with a specialized electronic component such as a **TFT LCD Display module** or a custom-designed **integrated circuit/cable assembly**. While this specific string is proprietary, we can break down the typical architecture and electronics involved in parts belonging to this category (industrial/embedded display components). --- ### 1. Typical Component Architecture Based on the alphanumeric structure (which often includes dimensions like "320480" for resolution), this part likely integrates the following electronic layers: | Component Layer | Description | | :--- | :--- | | **Driver IC** | Typically a Sitronix or Solomon Systech controller to manage pixel voltage. | | **FPC (Flexible Printed Circuit)** | The orange polyimide substrate carrying the data signals. | | **Backlight Unit (BLU)** | A series of White LEDs (WLED) connected in serial or parallel. | | **Interface** | Likely **MCU 8/16-bit**, **SPI**, or **RGB** interface for data transmission. | --- ### 2. Breakdown of the Technical Specifications In industrial electronics, parts following this naming convention usually encode their specifications within the string: * **320480**: This strongly suggests a **320 x 480 pixel resolution** (HVGA), common in 3.5-inch handheld devices. * **ACN/FM**: Often refers to the specific glass type (e.g., TN or IPS technology) and the **FPC Mounting type**. * **ZCWC**: Frequently used by manufacturers to denote "Zero-point calibration," "Wide temperature range," and "Connector" configurations. ### 3. Electrical Characteristics If this part is a standard 3.5" TFT module (which the number implies), the electrical requirements are generally: ```json { "Input_Voltage_VDD": "2.8V - 3.3V", "Logic_Level": "1.8V / 3.3V compatible", "Backlight_Current": "15mA - 25mA per LED", "Operating_Temperature": "-20°C to +70°C" } ``` --- ### 4. Integration Checklist To use this part in a circuit, ensure you have verified the following electronic interfaces: 1. **Pinout Mapping:** Verify if the FPC is a 40-pin or 50-pin layout. 2. **Backlight Driving:** Does it require a constant current driver or a simple resistor? 3. **Capacitive Touch:** If "ZC" refers to a Capacitive Touch Panel (CTP), it will require an I2C connection (SDA/SCL). ---
    ✨ Follow-up Questions
    • ⤷Can you provide the datasheet for this specific part number?
    • ⤷ What is the pinout configuration for a 320x480 TFT display?
    • ⤷ How do I interface this component with an Arduino or ESP32?