データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JH40480800ACNRWNFZCWC

  • AI
    Based on the part number provided, **JH40480800ACNRWNFZCWC** typically refers to a high-resolution, small-to-medium-sized **TFT LCD Display Module**. These components are commonly used in industrial equipment, handheld devices, or automotive interfaces. --- ### 1. Component Specifications The part number can be broken down into technical specifications common to LCD manufacturing: | Feature | Specification Details | | :--- | :--- | | **Component Type** | TFT Liquid Crystal Display (LCD) | | **Resolution** | Likely 480 x 800 (WVGA) or 800 x 480 | | **Display Mode** | Normally Black (IPS) or Normally White (TN) | | **Interface Type** | Often RGB or MIPI (depending on specific pinout) | | **Backlight** | White LED (WLED) Array | | **Touch Panel** | May include Capacitive Touch (PCAP) depending on final suffix | --- ### 2. Key Electronic Characteristics These modules consist of several integrated electronic sub-parts: 1. **Driver IC (Integrated Circuit):** * The "brain" of the display that translates signals from your controller (like an Arduino, Raspberry Pi, or STM32) into voltages that twist the liquid crystals. 2. **FPC (Flexible Printed Circuit):** * The ribbon cable that carries power, ground, and data signals. It usually has a high pin count (e.g., 40-pin or 50-pin). 3. **Backlight Circuitry:** * Requires a constant current driver. Operating voltages for the LED string are typically between 15V and 25V depending on how many LEDs are in series. 4. **TFT Glass:** * The active matrix layer that manages the individual pixels. --- ### 3. Implementation Code Example To drive a display with these characteristics (assuming a standard RGB interface setup), a basic initialization in a C-like environment might look like this: ```c /* Example Display Initialization Parameters */ #define LCD_WIDTH 480 #define LCD_HEIGHT 800 void LCD_Init_Sequence() { // Reset the display hardware LCD_Reset_High(); Delay_ms(10); LCD_Reset_Low(); Delay_ms(50); LCD_Reset_High(); // Send Command to Driver IC (Example: Power Control) Write_Command(0xB1); Write_Data(0x00); Write_Data(0x18); // Set Resolution and Orientation Set_Address_Window(0, 0, LCD_WIDTH-1, LCD_HEIGHT-1); } ``` --- ### 4. Common Application Areas * **Industrial HMI:** Control panels for factory automation. * **Medical Devices:** Handheld diagnostic screens. * **Smart Home:** Wall-mounted thermostats or security hubs. * **Automotive:** Secondary dashboards or climate control displays.
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout for the FPC connector on this module?
    • ⤷ Does this model include an integrated capacitive touch controller?
    • ⤷ What is the recommended backlight driving current for this LCD?