データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JH40480800BCNDMNFZCWC

  • AI
    The part number **JH40480800BCNDMNFZCWC** appears to be a specialized manufacturer-specific code, likely associated with **Industrial LCD Display Modules** or high-density electronic assemblies. While this specific alphanumeric string follows proprietary naming conventions (often used by manufacturers like BOE, Innolux, or custom industrial suppliers), we can decode the general electronics architecture and components typical of such a part number. --- ### 1. Component Breakdown (Categorical Analysis) Based on the structure of the part number, here are the likely electronic segments it represents: | Segment | Possible Meaning | Electronic Function | | :--- | :--- | :--- | | **JH** | Manufacturer Prefix | Identifies the brand or factory line (e.g., Jinhui, Jinghua). | | **40480800** | Resolution/Size | Likely signifies a **480x800** pixel resolution (WVGA). | | **BCN** | Backlight/Connector | Indicates a **High-Brightness LED Backlight** or a specific pin-out configuration. | | **DM** | Driver Model | Refers to the integrated **IC Driver** (e.g., Sitronix or Himax). | | **NF/ZC** | Features | Often denotes **Non-Touch (NF)** or specific **Zero-Capacitance (ZC)** shielding. | | **WC** | Interface Type | Standard abbreviation for **Wide Connector** or **Wire-to-Board** connection. | --- ### 2. Key Electronic Specifications A part with this designation typically includes the following electronic sub-systems: #### A. The Display Driver IC (DDIC) The "brain" of the module. It converts digital signals (RGB or MIPI) into analog voltages to charge the liquid crystals. * **Protocol:** Likely utilizes **MIPI DSI** (Mobile Industry Processor Interface) or **24-bit Parallel RGB**. #### B. The LED Backlight Circuit * **Configuration:** Usually 6 to 12 White LEDs in series/parallel. * **Voltage:** Requires a constant current driver, typically operating between **18V and 25V**. #### C. Flexible Printed Circuit (FPC) The orange/yellow "ribbon" cable. * **Gold Plating:** Used on contact points to prevent oxidation. * **EMI Shielding:** Often contains a black electromagnetic interference film to prevent noise from affecting the image. --- ### 3. Usage Context These parts are engineered for high-reliability environments: * **Medical Devices:** Handheld diagnostic tools. * **Industrial Controls:** Human-Machine Interfaces (HMI). * **Automotive:** Secondary dash displays or climate control screens. --- ### 4. Technical Handling Precautions If you are integrating or repairing a device with this component, observe these electronic safeguards: ```markdown 1. ESD Protection: Use a grounded wrist strap; the Driver IC is sensitive to static. 2. FPC Bend Radius: Do not crease the ribbon cable; maintain a radius > 1mm. 3. Power Sequencing: Always apply VDD (Logic) before VLED (Backlight) to prevent latch-up. ``` ---
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces the JH prefix series of components?
    • ⤷ What is the pinout diagram for the 480x800 LCD interface?
    • ⤷ Can this display module be interfaced with an Arduino or Raspberry Pi?