データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JH40480800CCNFNNFZCWC

  • AI
    The part number **JH40480800CCNFNNFZCWC** appears to be a specialized manufacturer-specific code, likely associated with industrial electronics, display modules (TFT/LCD), or custom interconnect assemblies. Based on standard nomenclature for high-density electronic modules and industrial display components, here is a breakdown of the likely technical specifications. --- ## 🟢 Part Breakdown & Specifications | Component Category | Likely Specification | Description | | :--- | :--- | :--- | | **Manufacturer Prefix** | JH | Often refers to *Jinghua* or similar industrial electronics providers. | | **Dimensions/Resolution** | 40480800 | Likely indicates a **480x800** pixel resolution (common for 4.0" to 5.0" vertical displays). | | **Interface Type** | CC | Likely refers to a specific **Connector Type** or Color depth (e.g., RGB/MIPI). | | **Display Mode** | NF | Usually stands for **Non-Flicker** or a specific polarized Filter type. | | **Backlight/Finish** | ZCWC | Indicates a **White LED Backlight** (W) and specific **Clear/Anti-glare Coating** (C). | --- ## 🛠️ Key Technical Features If this part is an LCD/TFT Module, it typically encompasses the following electronic subsystems: ### 1. The Driver IC (Integrated Circuit) The module contains a silicon chip (often mounted via COG - Chip on Glass) that translates digital signals from a microcontroller (MCU) into analog voltages to twist the liquid crystals. ### 2. Backlight Unit (BLU) * **LED Array:** Consists of high-intensity white LEDs connected in series or parallel. * **Driver Voltage:** Usually requires constant current (approx. 20mA) and a voltage range between 15V-25V depending on the string length. ### 3. FPC (Flexible Printed Circuit) The "tail" of the component is a polyimide cable. * **Pin Pitch:** Likely 0.5mm or 0.3mm. * **Gold Plating:** Used on contact points to prevent oxidation and ensure signal integrity. --- ## ⚠️ Usage Precautions * **Electrostatic Discharge (ESD):** This part is highly sensitive. Always use a grounded wrist strap when handling. * **Voltage Levels:** Ensure the logic voltage (VDD) matches the specification (typically 1.8V or 3.3V). Applying 5V directly to data lines will likely destroy the Driver IC. * **Flex Cable Bend:** Do not crease the FPC near the glass interface, as this can cause permanent line defects on the display. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact datasheet for this specific JH model?
    • ⤷ How do I interface this part with an Arduino or ESP32?
    • ⤷ What are the power consumption specs for the ZCWC backlight?