データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JH45540960ACNDNNTZCWC

  • AI
    The part number **JH45540960ACNDNNTZCWC** appears to be a highly specific, custom-manufactured component, likely a **TFT-LCD Display Module**. In the industry, such long alphanumeric strings are typically "Smart Part Numbers" used by manufacturers (such as JHD, Innolux, or BOE partners) to encode the technical specifications of the display panel. --- ### Potential Breakdown of Specifications Based on standard naming conventions for industrial display modules, here is a breakdown of what these electronic parts signify: | Segment | Possible Meaning | Technical Description | | :--- | :--- | :--- | | **JH** | Manufacturer Prefix | Often refers to *Jinghua* or similar industrial display OEMs. | | **4554** | Dimensions/Model | Likely indicates a specific physical size (e.g., 4.5" to 5.4" diagonal). | | **0960** | Resolution | Often refers to the vertical resolution (e.g., 960 pixels). | | **ACN** | Interface/Controller | Suggests an Active Matrix (TFT) with a specific controller IC. | | **DNN** | Backlight Type | Usually "Display Normal White" or "Digital Normal" with LED backlighting. | | **TZCWC** | Custom Revision | Codes for specific connector types, brightness (nits), or wide-temperature ratings. | --- ### Core Electronic Components If you are looking to integrate or repair this part, it consists of the following primary electronic sub-assemblies: 1. **TFT Glass Substrate:** The layer containing the thin-film transistors that control individual pixels. 2. **Driver IC (COG - Chip on Glass):** The integrated circuit mounted directly on the glass that translates data signals into visual images. 3. **FPC (Flexible Printed Circuit):** The "ribbon cable" extending from the part, containing the data lines (RGB, MIPI, or LVDS) and power pins. 4. **LED Backlight Array:** A series of white LEDs connected in series/parallel to provide illumination from behind the liquid crystals. 5. **Polarizing Films:** Layers on the front and back that manage light waves to create contrast. ### Typical Operating Parameters | Feature | Standard Range | | :--- | :--- | | **Operating Voltage** | 2.8V - 3.3V (Logic), 12V-25V (Backlight string) | | **Interface** | Likely MIPI DSI or 24-bit RGB | | **Viewing Angle** | IPS (Wide Viewing) or TN (Standard) | | **Operating Temp** | -20°C to +70°C (Industrial Grade) | --- ### Implementation Note To interface with this part, you would typically need a **Microcontroller (MCU)** or **SoC** capable of driving high-speed video signals and a dedicated **LED Driver circuit** to provide constant current to the backlight pins.
    ✨ Follow-up Questions
    • ⤷What is the specific interface (MIPI or RGB) for this display model?
    • ⤷ Can you provide the pinout diagram for the FPC connector?
    • ⤷ What is the recommended LED driver circuit for this part?