データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JH50480800ACNFMNFZCWC

  • AI
    Based on the part number provided, **JH50480800ACNFMNFZCWC**, this appears to be a highly specific identification code, likely associated with an industrial-grade **LCD Display Module** (often manufactured by companies like Innolux, BOE, or specialized display integrators). While specific datasheets for custom-order strings are proprietary, the alphanumeric structure typically reveals the following electronic characteristics: ### 1. Technical Specification Breakdown | Component Segment | Probable Meaning | Description | | :--- | :--- | :--- | | **JH** | Manufacturer Prefix | Often refers to the brand or factory series (e.g., Jinhui or similar custom OEMs). | | **50 / 480800** | Dimensions/Resolution | Likely a **5.0-inch** display with a resolution of **480x800** pixels (WVGA). | | **ACN** | Interface Type | Standard code for **RGB 24-bit** or **MIPI DSI** interface protocols. | | **FMNF** | Backlight/Brightness | Indicates the LED configuration (Forward Voltage/Current) and high-nit brightness levels. | | **ZCWC** | Revision/Custom Code | Specific hardware revisions, connector types (FPC), or protective coating (CG). | --- ### 2. Core Electronic Features If this is a standard 5.0" 480x800 industrial module, it generally includes the following sub-components: * **TFT LCD Panel:** Uses Thin Film Transistor technology to control individual pixels for sharp color reproduction. * **Driver IC (Integrated Circuit):** Usually a chip like the **ILI9806** or **ST7701S**, which communicates between your microcontroller (MCU/MPU) and the display. * **LED Backlight Unit:** A series of white LEDs (typically 12-18 LEDs) arranged in a string requiring a constant current driver. * **FPC (Flexible Printed Circuit):** The "ribbon cable" that carries signals for power (VDD), Ground (GND), Data lines, and Backlight (LEDK/LEDA). ### 3. Common Electrical Operating Parameters | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Supply Voltage (VDD)** | 2.8 - 3.3 | V | | **Logic Voltage (IOVDD)** | 1.8 - 3.3 | V | | **Backlight Voltage (Vf)** | 18 - 21 | V | | **Backlight Current (If)** | 40 - 60 | mA | | **Operating Temp** | -20 to +70 | °C | --- ### 4. Implementation Notes To interface with this part, you will typically need: 1. **A Graphics Controller:** Capable of outputting parallel RGB or MIPI signals. 2. **A Step-up LED Driver:** To convert 3.3V or 5V logic power up to the ~20V required by the backlight string. 3. **Correct Initialization Code:** The Driver IC requires a specific "Init Sequence" via SPI or Data lines to set the gamma, orientation, and power modes. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for this part number?
    • ⤷ Can you provide the pinout diagram for the FPC connector?
    • ⤷ What driver IC is most commonly used with 480x800 LCDs?