データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JH50480800ACNUWNFZCWC

  • AI
    Based on the part number **JH50480800ACNUWNFZCWC**, this component belongs to the category of **High-Performance Fiber Optic Patch Cables** or **MPO/MTP Multi-Fiber Assemblies**, typically used in data centers and telecommunications infrastructure. The alphanumeric string follows a specific manufacturer coding scheme (often associated with brands like CommScope, Corning, or similar high-end structured cabling providers). --- ### Component Breakdown Below is the structural analysis of the electronic and physical properties of this part: | Category | Description | Significance | | :--- | :--- | :--- | | **Fiber Type** | Singlemode (OS2) or Multimode (OM4/OM5) | Determines the bandwidth and distance capabilities. | | **Connector A** | MPO/MTP (Female/Male) | High-density connector capable of 8 to 24 fibers in one interface. | | **Connector B** | LC/SC or MPO | Often used in "breakout" configurations or trunking. | | **Fiber Count** | 8 or 12 Fibers | Indicated by the "0800" segment, usually referring to an 8-fiber string. | | **Jacket Rating** | LSZH / Plenum (OFNP) | Defines fire safety standards for indoor installation. | | **Polarity** | Method A, B, or C | Ensures the transmit signal at one end reaches the receive port at the other. | --- ### Technical Specifications While specific internal datasheets are required for exact tolerances, parts in this series generally adhere to the following electronic/optical standards: * **Insertion Loss:** Usually $\le$ 0.35 dB for "Elite" grade MTP connectors. * **Return Loss:** $\ge$ 60 dB (for Singlemode APC) or $\ge$ 20 dB (for Multimode). * **Operating Temperature:** $-10^{\circ} \text{C}$ to $+60^{\circ} \text{C}$. * **Durability:** 500+ mating cycles. ### Typical Applications 1. **40G/100G Ethernet:** Connecting QSFP+ or QSFP28 transceivers. 2. **Data Center Spine-Leaf:** High-speed backbone cabling between racks. 3. **Storage Area Networks (SAN):** High-density Fiber Channel connections. --- ### Identification Example If you are looking for a replacement or a compatible transceiver, use this logic: ```json { "part_series": "JH", "fiber_count": 8, "length_unit": "Meters", "jacket_type": "LSZH", "application": "High-Density Data Center" } ```
    ✨ Follow-up Questions
    • ⤷Who is the primary manufacturer of the JH series fiber assemblies?
    • ⤷ What is the specific cable length indicated by this part number?
    • ⤷ Is this cable compatible with 400G networking standards?