データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JH50480800BCNFMNFZCWC

  • AI
    Based on the alphanumeric structure provided, **JH50480800BCNFMNFZCWC** appears to be a highly specific manufacturer part number or a serialized configuration code typically associated with **industrial power modules**, **LCD controller boards**, or **integrated circuits (ICs)**. While this specific string is long and likely includes custom configuration suffixes, we can break down the general electronic characteristics usually represented by such a nomenclature. --- ### 1. Typical Component Breakdown In industrial electronics, long alphanumeric strings like this are usually "intelligent" part numbers. Here is a breakdown of what the segments likely represent: | Segment | Potential Meaning | Description | | :--- | :--- | :--- | | **JH** | Manufacturer Prefix | Often refers to specialized Chinese or Taiwanese semiconductor/display manufacturers (e.g., Jinhui or similar). | | **5048** | Voltage/Current Rating | Could indicate a **50V** input with a **4.8A** or **48V** operating point. | | **0800** | Frequency or Capacity | May represent **800MHz** (for data) or **800mA** (for power). | | **BCN...** | Package/Grade | "B" often denotes Industrial Grade; "CN" usually refers to a specific package type (like QFN or BGA). | | **FMNF...** | Functional Features | Firmware versions, pinout configurations, or specific protocol support (e.g., I2C/SPI). | --- ### 2. Common Applications Parts with this naming convention are frequently found in: * **LED Driver Modules:** Regulating high-voltage power for industrial displays. * **Power Management ICs (PMIC):** Handling DC-DC conversion for embedded systems. * **LCD T-Con Boards:** Managing the timing and signaling for 50-inch class panels (suggested by the "50" in the prefix). --- ### 3. Electrical Characteristics (Generalized) If this is a power-related component, it likely adheres to these standards: 1. **Thermal Protection:** Internal shutdown mechanisms if temperatures exceed 125°C. 2. **Mounting:** Likely **SMD (Surface Mount Device)** given the complex suffix, requiring reflow soldering. 3. **Efficiency:** Targeted at >90% for industrial power applications. --- ### 4. Technical Precautions When handling or replacing this specific part: * **Check the Suffix:** The final letters (`ZCWC`) often denote the specific firmware or "stepping." Replacing it with a part ending in `ZCWX` might result in compatibility issues even if the base number matches. * **ESD Protection:** As a high-density electronic part, use an anti-static wrist strap during installation. * **Voltage Tolerance:** Ensure the input rail does not exceed the rated voltage (potentially 48V-50V based on the string).
    ✨ Follow-up Questions
    • ⤷ Is this part number associated with a specific brand like BOE or Samsung?
    • ⤷ Can you provide a pinout diagram for this specific series?
    • ⤷ What are the equivalent cross-reference parts for this component?