データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JK5N-R

  • AI
    The **JK5N-R** is a specific model of a **Miniature Intermediate Relay**, often used in industrial control systems, PLC interfaces, and automation panels. It is designed to bridge the gap between low-power control signals and high-power electrical loads. --- ## 1. Core Technical Specifications The JK5N-R typically follows standard industrial relay parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Contact Form** | 1C (1 Form C - SPDT) or 2C (2 Form C - DPDT) | | **Coil Voltage Options** | 12VDC, 24VDC, 110VAC, 220VAC | | **Contact Capacity** | 5A to 10A at 250VAC/30VDC | | **Mounting Type** | PCB Mount or Plug-in (with DIN rail socket) | | **Indicator** | Often includes an LED status indicator | | **Response Time** | < 20ms | --- ## 2. Key Electronic Components The device consists of four main internal sections: ### A. The Coil (Input Side) The "Heart" of the relay. When current flows through this copper coil, it creates a magnetic field. * **Protection:** In DC versions, it often includes a **Freewheeling Diode** to prevent back-EMF spikes that could damage the driving transistor or PLC output. ### B. The Armature & Spring A mechanical lever moved by the magnetic field. The spring ensures that when power is removed, the contacts return to their "Normal" state (Fail-safe). ### C. Contacts (Output Side) Usually made of **Silver Alloy (AgNi or AgSnO2)** to resist electrical arcing and oxidation. * **NO (Normally Open):** Closes when energized. * **NC (Normally Closed):** Opens when energized. * **COM (Common):** The moving terminal. ### D. Housing and Base The "R" suffix often indicates **RoHS compliance** or a specific **Resin-sealed** structure for environmental protection against dust and moisture. --- ## 3. Circuit Application Example To use a JK5N-R to control a high-voltage motor with a low-voltage microcontroller (like an Arduino), the wiring logic is as follows: ```cpp // Example: Driving a 24V JK5N-R Relay via a Transistor [MCU Pin] ---> [Resistor] ---> [Base of NPN Transistor] | [Relay Coil] ---> [24V DC Supply] | [Flyback Diode across Coil] ``` --- ## 4. Common Variations * **JK5N-R-S:** Often indicates a "Sealed" type for wash-tight applications. * **JK5N-R-L:** Usually signifies the inclusion of a built-in **LED** for visual troubleshooting. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the JK5N-R relay?
    • ⤷ How do I choose between a 1C and 2C contact configuration?
    • ⤷ Which DIN rail socket is compatible with the JK5N-R series?