データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JM-104W-R

  • AI
    Based on technical specifications for industrial displays and touch controllers, the **JM-104W-R** typically refers to a **10.4-inch Resistive Touch Panel** or an integrated display module often used in industrial HMI (Human Machine Interface) applications. --- ## 1. Core Component Specifications The "R" in the suffix usually denotes **Resistive** touch technology, which is common in industrial settings where users may wear gloves. | Parameter | Specification (Typical) | | :--- | :--- | | **Screen Size** | 10.4 Inches (Diagonal) | | **Aspect Ratio** | 4:3 | | **Touch Type** | 4-Wire or 5-Wire Analog Resistive | | **Interface** | FPC (Flexible Printed Circuit) - 4/5 pin | | **Input Method** | Finger, Stylus, or Gloved Hand | | **Surface Hardness** | 3H or higher | --- ## 2. Electronic Architecture The electronic parts of the JM-104W-R system generally consist of three main layers: ### A. The Sensor Layer (ITO Glass/Film) * **Indium Tin Oxide (ITO):** Two transparent conductive layers separated by tiny "spacer dots." * **Voltage Gradient:** When the screen is touched, the layers meet, creating a voltage drop that the controller calculates as an X/Y coordinate. ### B. The FPC (Flexible Printed Circuit) * **Gold-plated connectors:** Used to interface with the touch controller board. * **Durability:** Designed to withstand bending during installation into a metal chassis. ### C. Controller Integration (External or On-board) The JM-104W-R requires a control IC (Integrated Circuit) to convert analog signals to digital USB or RS232 signals. Common chips used with this panel include: * **EETI (eGalax):** High-stability controllers for industrial noise immunity. * **Microchip (AR1000 series):** Low-power resistive touch encoders. --- ## 3. Connectivity Pinout (Typical 4-Wire) If you are repairing or integrating this part, the standard 4-wire resistive pinout is usually: | Pin Number | Signal Name | Description | | :--- | :--- | :--- | | 1 | **Y+** | Top Electrode | | 2 | **Y-** | Bottom Electrode | | 3 | **X+** | Right Electrode | | 4 | **X-** | Left Electrode | --- ### 🛠️ Maintenance & Compatibility Notes 1. **Calibration:** Unlike capacitive screens (phones), the JM-104W-R requires 4-point or 9-point software calibration. 2. **Environmental Resistance:** These electronic parts are typically rated for high temperatures (up to +70°C) and are immune to EMI (Electromagnetic Interference). 3. **Voltage:** Operating voltage is usually low (DC 3.3V to 5V via the controller).
    ✨ Follow-up Questions
    • ⤷ Does the JM-104W-R require a specific driver for Windows or Linux systems?
    • ⤷ What is the difference in wiring between the 4-wire and 5-wire versions of this panel?
    • ⤷ Can this touch panel be used with a standard Raspberry Pi HDMI controller?