データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JM-1Z6-R

  • AI
    The **JM-1Z6-R** is a specific model of a **Miniature Intermediate Power Relay**. These components are widely used in industrial automation, security systems, and household appliances to control high-power circuits using a low-power signal. --- ## 1. Technical Specifications The following table highlights the typical electrical and mechanical characteristics for the JM-1Z6-R series: | Characteristic | Specification (Typical) | | :--- | :--- | | **Contact Form** | 1Z (SPDT - Single Pole Double Throw) | | **Max Switching Current** | 12A to 16A (Depending on voltage) | | **Max Switching Voltage** | 250VAC / 30VDC | | **Coil Voltages (DC)** | 5V, 12V, 24V (Standard options) | | **Contact Resistance** | ≤ 100mΩ | | **Insulation Resistance** | 1000MΩ (at 500VDC) | | **Dielectric Strength** | 1000VAC (between open contacts) | | **Mechanical Life** | 10,000,000 operations | --- ## 2. Key Components & Construction The JM-1Z6-R consists of several critical electronic and mechanical parts: 1. **Electromagnetic Coil:** The "input" side. When current flows through this copper winding, it creates a magnetic field. 2. **Armature:** A moving lever attracted by the coil's magnetic field. 3. **Spring Mechanism:** Ensures the armature returns to its original position when the coil is de-energized. 4. **Contacts (AgSnO2 or AgCdO):** The "output" side. These are made of silver alloy to resist oxidation and "welding" under high current loads. 5. **Plastic Housing:** Usually made of PBT (Polybutylene Terephthalate) for high temperature and chemical resistance. --- ## 3. Terminal Layout (SPDT) The "1Z" designation indicates a Change-Over (CO) or SPDT configuration. The pins are generally arranged as follows: * **Coil Pins (2):** Connect to the control circuit (e.g., a microcontroller via a transistor). * **Common (COM):** The main terminal connected to the moving contact. * **Normally Closed (NC):** Connected to COM when the relay is **off**. * **Normally Open (NO):** Connected to COM when the relay is **on**. --- ## 4. Common Applications * **Home Appliances:** Control of air conditioners, heaters, and refrigerators. * **Industrial:** PLC output expansion and motor control. * **Power Supplies:** Used in Uninterruptible Power Supplies (UPS) for switching between battery and mains. ---
    ✨ Follow-up Questions
    • ⤷ What is the standard pinout diagram for the JM-1Z6-R?
    • ⤷ Can this relay be triggered directly by an Arduino or ESP32?
    • ⤷ What are the specific environmental temperature limits for this part?