データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JN2DS10SLN-R

  • AI
    The **JN2DS10SLN-R** is a high-performance, waterproof circular connector manufactured by **JAE (Japan Aviation Electronics Industry)**. It belongs to the JN2 series, which is specifically designed for industrial equipment requiring durability and space-saving configurations. --- ## 1. Technical Specifications The following table summarizes the primary electrical and mechanical characteristics of the JN2DS10SLN-R: | Feature | Specification | | :--- | :--- | | **Number of Contacts** | 10 Positions | | **Rated Current** | 3A per contact | | **Rated Voltage** | 200 VAC | | **Dielectric Withstanding Voltage** | 900 VAC (for 1 minute) | | **Insulation Resistance** | 1000 MΩ minimum (at 500 VDC) | | **Operating Temperature** | -20°C to +100°C | | **Waterproof Rating** | IP67 (when mated) | --- ## 2. Key Physical Components The part is constructed with specific materials to ensure industrial longevity: * **Shell Type:** Straight Plug. * **Body Material:** Synthetic Resin (Zinc alloy is often used in other JN2 variants, but the "S" typically denotes a reinforced plastic/slim body). * **Coupling Mechanism:** One-touch vibration-resistant locking mechanism. This allows for secure mating without the need for tools. * **Contact Type:** This specific part number usually requires **Socket Contacts** (sold separately). --- ## 3. Connector Breakdown The part number **JN2DS10SLN-R** follows a specific nomenclature: 1. **JN2**: Series name (Small circular waterproof). 2. **D**: Connector type (Plug). 3. **S**: Connection style (Straight). 4. **10**: Number of contacts. 5. **S**: Contact type (Socket). 6. **L**: Cable relief / Size variant. 7. **N**: Special code for specific hardware revisions or finish. 8. **R**: RoHS compliance / Revision indicator. --- ## 4. Typical Applications Because of its IP67 rating and compact size, this part is commonly found in: * **Industrial Robotics:** Sensor and actuator connections. * **Servo Motors:** Feedback and power connections for small-to-medium motors. * **Factory Automation:** Control panels where space is limited and moisture protection is required. --- ## 5. Mating and Accessories To complete a circuit using the JN2DS10SLN-R, you generally need the following: * **Compatible Receptacles:** JN2AS10UL1-R (or similar JN2 series 10-pin receptacles). * **Contacts:** Crimp-style socket contacts (e.g., JN1-22-22S or JN1-22-26S). * **Cables:** Multi-core shielded or non-shielded cables compatible with the cable gland size of the plug. ---
    ✨ Follow-up Questions
    • ⤷ Which specific crimping tool is recommended for the JN2 series socket contacts?
    • ⤷ What is the maximum cable outer diameter supported by the JN2DS10SLN-R?
    • ⤷ Are there right-angle versions of this connector available for tight spaces?