JPA2-4D-R
AI

The **JPA2-4D-R** is a specific electronic component, typically categorized as a **High-Frequency/Broadband Diplexer** or Filter, commonly used in telecommunications and CATV (Cable TV) infrastructure.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
## 1. Component Overview
The JPA2-4D-R is designed to split or combine signals in a dual-path system, specifically segregating high-frequency signals from low-frequency signals (Upstream and Downstream).
### Core Specifications
| Feature | Description |
| :--- | :--- |
| **Type** | Diplexer / High-Pass Filter |
| **Configuration** | 2-Way / 4-Port (Depending on specific chassis integration) |
| **Impedance** | 75 Ohms (Standard for RF/CATV) |
| **Mounting** | Plug-in module / PC Board Mount |
| **Application** | Broadband Amplifiers, Nodes, and Distribution Gear |
---
## 2. Key Electronic Parameters
### Frequency Response
The "4D" or specific numbering in these series often refers to the **Split Frequency**. In modern telecommunications, this dictates where the "return path" (Upload) ends and the "forward path" (Download) begins.
* **Low Pass (Return Path):** Typically handles 5 MHz to 42 MHz or 65 MHz.
* **High Pass (Forward Path):** Typically handles 54/85 MHz up to 1000 MHz (1 GHz).
### Electrical Performance
1. **Insertion Loss:** Measures the signal power lost as it passes through the device. High-quality diplexers like the JPA2 series strive for $< 1.0 \text{ dB}$.
2. **Rejection/Isolation:** This is critical to prevent interference between the upstream and downstream paths. The JPA2-4D-R usually provides $> 40 \text{ dB}$ of isolation at the crossover point.
3. **Return Loss:** Measures the signal reflection. A high return loss ($> 18 \text{ dB}$) indicates a well-matched impedance, reducing "ghosting" or data errors in digital systems.
---
## 3. Physical & Mechanical Construction
* **Shielding:** The unit is encased in a metal housing (often tin-plated) to provide high RFI (Radio Frequency Interference) shielding, ensuring external signals (like LTE or FM radio) do not leak into the cable plant.
* **Pins:** Features gold-plated or tin-plated pins for low contact resistance when plugged into a motherboard or amplifier station.
---
## 4. Typical Applications
* **CATV Amplifiers:** Used inside trunk amplifiers to separate signals for amplification.
* **HFC Networks:** Hybrid Fiber-Coaxial networks require these to manage two-way DOCSIS data communication.
* **Signal Conditioning:** Used in headend environments to clean up frequency bands.
- ⤷
What is the specific crossover frequency for the '4D' variant?
- ⤷ How does the JPA2-4D-R handle thermal dissipation in high-power amplifiers?
- ⤷ What are the common failure modes for this type of RF diplexer?