データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JR-02-R

  • AI
    The **JR-02-R** typically refers to a specific model of **Industrial Remote Control Receiver**, often used in crane systems, hoists, and heavy machinery automation. These devices are designed to translate wireless radio signals into physical electrical switching actions. --- ### Core Electronic Components The internal architecture of the JR-02-R is divided into three primary functional blocks: | Component Category | Primary Parts | Function | |:---|:---|:---| | **RF Module** | Antenna, Crystal Oscillator, RF Receiver Chip | Captures the wireless signal (usually 433MHz or 868MHz) and demodulates it. | | **Control Logic** | Microcontroller (MCU), EEPROM | Decodes the signal, checks for security IDs, and manages logic/interlocks. | | **Output Stage** | Electromechanical Relays, Optocouplers | Acts as the physical switch to turn motors or contactors on/off. | --- ### Detailed Technical Specifications Below is a breakdown of the typical electronic characteristics found in these units: #### 1. Power Supply Unit (PSU) Most JR-02-R units feature a transformer-based or switching power supply capable of handling various voltages: * **AC Options:** 24V, 48V, 110V, 220V, or 380V. * **DC Options:** 12V or 24V. * **Protection:** Includes a replaceable glass fuse (typically 5A - 10A) to protect the internal circuitry from overcurrent. #### 2. The Relay Board The "R" in the model name often signifies the **Relay** output. * **Relay Count:** Usually 2 to 4 high-quality relays. * **Contact Rating:** Typically rated for **10A / 250VAC**. * **Safety Feature:** Hardwired "E-Stop" relay that drops power if the signal is lost or the transmitter's STOP button is pressed. #### 3. Security and Encoding To prevent interference from other remotes, the electronic board contains: * **Pairing Key:** A unique 32-bit ID code. * **Hamming Distance:** Integrated error detection logic in the MCU ensures that garbled signals do not trigger accidental movements. --- ### Connection Interface (Wiring) The electronics interface with external machinery through a multi-core cable. A standard configuration involves: ```text Wire Color | Function ------------|--------------------------- Black/Brown | Power Input (Live/Neutral) Red | Main/Start Contact Orange | Common (COM) for Relays Yellow | Up/Forward Command Green | Down/Reverse Command ``` --- ### Maintenance Indicators The JR-02-R electronics include diagnostic **LED Indicators** on the mainboard: * **Red LED:** Power status / System error. * **Green LED:** RF signal received / Active command.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating range of the JR-02-R in an industrial environment?
    • ⤷ How do I pair a new transmitter to a JR-02-R receiver?
    • ⤷ What are the common failure points in the relay circuit of this model?