データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JR-1A-R

  • AI
    The **JR-1A-R** is a specific model of an **electromagnetic relay**, commonly used in industrial automation, security systems, and telecommunications. It is designed for PCB (Printed Circuit Board) mounting. --- ## 1. Core Technical Specifications The "JR-1A-R" typically follows a standard nomenclature for power relays. Below are the general specifications for this component: | Parameter | Specification | | :--- | :--- | | **Type** | General Purpose / Power Relay | | **Contact Form** | 1 Form A (SPST-NO: Single Pole Single Throw, Normally Open) | | **Coil Voltage** | Usually available in 5V, 12V, or 24V DC (Check specific sub-code) | | **Contact Rating** | Typically 5A to 10A @ 250VAC / 30VDC | | **Mounting Type** | Through-hole PCB | | **Termination** | Solder Pins | --- ## 2. Internal Components & Operation The JR-1A-R operates based on electromagnetic induction. The internal structure consists of these primary parts: 1. **Electromagnet (Coil):** A copper wire wound around an iron core. When current flows, it creates a magnetic field. 2. **Armature:** A moving metal part that is attracted by the magnetic field of the coil. 3. **Spring:** Returns the armature to its original position when the power to the coil is cut. 4. **Contacts:** * **Fixed Contact:** Stays stationary. * **Movable Contact:** Attached to the armature; it closes the circuit when the relay is energized. 5. **Yoke:** A piece of low-reluctance magnetic material that provides a path for the magnetic flux. --- ## 3. Circuit Symbol & Pinout In a schematic, the JR-1A-R is represented by a coil symbol and a switch symbol. ### Pin Configuration The relay usually has 4 pins: * **Pins 1 & 2 (Coil):** Connected to the control circuit (e.g., a microcontroller via a transistor). * **Pins 3 & 4 (Switch/Contacts):** Connected to the high-load circuit you wish to control. --- ## 4. Key Features * **Galvanic Isolation:** It provides complete electrical separation between the low-power control side and the high-power load side. * **Compact Size:** Designed for space-saving on dense circuit boards. * **High Sensitivity:** Requires relatively low power to trigger the coil compared to the large loads it can switch. --- ## 5. Typical Application Circuit To use a JR-1A-R with a microcontroller (like an Arduino), you typically need a **flyback diode** to protect against voltage spikes when the coil is turned off. ```cpp // Logic for triggering a JR-1A-R Relay void setup() { pinMode(relayPin, OUTPUT); } void loop() { digitalWrite(relayPin, HIGH); // Relay closes (Turn ON device) delay(1000); digitalWrite(relayPin, LOW); // Relay opens (Turn OFF device) delay(1000); } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage required for the JR-1A-R model you are using?
    • ⤷ Do I need a transistor to drive this relay from a microcontroller?
    • ⤷ How does a '1 Form A' contact configuration differ from '1 Form C'?