データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JR-53-R

  • AI
    The **JR-53-R** typically refers to a specific type of **DC Power Jack** (or sometimes a specific power adapter connector) commonly used in consumer electronics. Below is a breakdown of its electronic specifications and characteristics. --- ## 1. Technical Specifications Most components under the JR-53-R designation share these core electrical parameters: | Parameter | Typical Value | | :--- | :--- | | **Component Type** | DC Power Jack / Connector | | **Contact Rating** | 12V - 24V DC, 0.5A - 2.0A | | **Contact Resistance** | ≤ 30mΩ | | **Insulation Resistance** | ≥ 100MΩ (500V DC) | | **Dielectric Strength** | 500V AC for 1 minute | | **Operating Temperature** | -20°C to +70°C | --- ## 2. Physical Construction The JR-53-R is designed for durability and standardized fitment. Its construction involves: ### Materials * **Body:** High-temperature thermoplastic (usually PBT or PA66) to withstand soldering heat. * **Pins/Terminals:** Brass or Copper alloy with silver or gold plating to prevent oxidation. * **Spring Shunt:** Phosphor bronze, designed to maintain tension after thousands of insertion cycles. ### Dimensions * **Inner Pin Diameter:** Typically fits **2.1mm** or **2.5mm** center pins (the most common industry standards). * **Outer Diameter:** Usually matched to 5.5mm plugs. --- ## 3. Terminal Configuration A standard JR-53-R jack usually features three terminals: 1. **Center Pin (Positive/Negative):** Connects to the internal pin of the barrel plug. 2. **Outer Sleeve (Negative/Positive):** Connects to the outer metal casing of the plug. 3. **Shunt/Switch Terminal:** A "normally closed" contact that opens when a plug is inserted. This is often used to automatically disconnect an internal battery when an external power supply is plugged in. --- ## 4. Common Applications Due to its reliability, the JR-53-R is found in: * **CCTV Cameras:** Powering security hardware. * **Small Appliances:** Routers, modems, and LED strip controllers. * **DIY Electronics:** Frequently used in Arduino or Raspberry Pi projects for external power input. --- ## 5. Circuit Symbol Representation In a schematic diagram, the JR-53-R is represented as follows: ```text [ Pin 1 ] ----> Center Pin [ Pin 2 ] ----> Outer Sleeve [ Pin 3 ] ----> Shunt (Switch) ```
    ✨ Follow-up Questions
    • ⤷ What is the standard mounting style for the JR-53-R (SMD or Through-hole)?
    • ⤷ How do I identify which pin is the 'switch' terminal using a multimeter?
    • ⤷ Can the JR-53-R handle high-current applications above 5 Amps?