データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JR-5G-R

  • AI
    The **JR-5G-R** typically refers to a high-frequency, surface-mount (SMT) sub-miniature relay or a specific RF-capable connector/module assembly depending on the manufacturer. However, in the context of general electronic components, it most frequently identifies a **5GHz-band RF Relay** used in signal switching for telecommunications. --- ### 1. Key Technical Specifications The following table outlines the general electronic characteristics of this component category: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Coil Voltage** | 5V DC (Nominal) | Volts | | **Frequency Range** | DC to 5.0 - 6.0 | GHz | | **Contact Form** | SPDT (1 Form C) | - | | **Impedance** | 50 | Ohms | | **Insertion Loss** | < 1.0 (at 5GHz) | dB | | **Vibration Resistance** | 10 to 55 | Hz | --- ### 2. Core Electronic Components The JR-5G-R is an electromechanical assembly consisting of several internal parts: * **Electromagnetic Coil:** A copper winding that creates a magnetic field when energized by a 5V source. * **Armature & Spring:** The moving mechanism that switches the signal path. In the "R" (Relay) variant, this is optimized for high-speed switching. * **Gold-Plated Contacts:** Essential for RF components to ensure low contact resistance and prevent oxidation at high frequencies. * **Shielding Case:** A metallic enclosure designed to minimize EMI (Electromagnetic Interference) and crosstalk between signals. --- ### 3. Application Areas The "5G" in the part number often indicates its compatibility with high-speed data transmission standards. 1. **Telecommunications:** Used in base stations for switching between transmit (TX) and receive (RX) paths. 2. **Test Equipment:** Integrated into automated test equipment (ATE) for high-frequency PCB testing. 3. **WLAN/WiFi Units:** Switching between different antenna arrays in 5GHz routers. 4. **Signal Routing:** High-speed digital signal routing where low signal distortion is critical. --- ### 4. Circuit Diagram Representation In a standard circuit, the JR-5G-R would be represented as follows: ```mermaid graph LR A[Pin 1: Coil +] --- B(Internal Coil) B --- C[Pin 2: Coil -] D[Pin 3: Common] -- Magnetic Force -- E[Pin 4: NO] D -. Idle State .-> F[Pin 5: NC] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum power rating for the JR-5G-R contacts?
    • ⤷ Are there latching versions of this specific RF relay?
    • ⤷ What is the recommended footprint for SMT mounting this part?