データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JR-6D-R

  • AI
    The **JR-6D-R** is a specific model of a **Relay Interface Module** (or Relay Board), commonly used in industrial automation, PLC (Programmable Logic Controller) systems, and CNC machinery. It acts as an intermediary between low-power control signals and high-power loads. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Model** | JR-6D-R | | **Channels** | 6-Channel (controls 6 independent circuits) | | **Input Voltage** | Typically 24V DC (Standard for PLCs) | | **Output Type** | Electromechanical Relay Output | | **Switching Capacity** | Usually 5A to 10A at 250V AC / 30V DC | | **Mounting Type** | DIN Rail (Standard 35mm) | | **Action Indicator** | LED for each channel (Visual status) | --- ### 2. Main Electronic Components The JR-6D-R module is composed of several critical electronic parts that ensure safe and efficient operation: #### A. Electromagnetic Relays These are the primary switching elements. When the coil is energized by the input signal, it pulls a mechanical contact to close or open the output circuit. * **Isolation:** Provides physical galvanic isolation between the control side and the load side. #### B. Flyback Diodes (Freewheeling Diodes) Connected in parallel with each relay coil. * **Function:** They protect the driving transistors or PLC outputs from high-voltage spikes (back-EMF) generated when the relay coil is de-energized. #### C. LED Status Indicators Each channel has a dedicated Light Emitting Diode. * **Function:** Provides immediate visual feedback. If the LED is ON, the relay coil is energized. #### D. Terminal Blocks High-quality screw terminals are used for both Input (Signal) and Output (Load). * **Input Side:** VCC, GND, and Signal pins (S1-S6). * **Output Side:** Common (COM), Normally Open (NO), and sometimes Normally Closed (NC) contacts. --- ### 3. Connection & Logic Diagram The module typically uses a **NPN/PNP Universal** input design, meaning it can be triggered by either a positive or negative signal depending on how the common terminal is wired. ```mermaid graph LR A[PLC/Controller] -->|24V Signal| B[Optocoupler/Diode] B --> C[Relay Coil] C -->|Mechanical Switch| D[High Power Load] subgraph "JR-6D-R Module" B C end ``` ### 4. Application Benefits 1. **Safety:** Protects sensitive PLC CPUs from electrical noise and short circuits on the field side. 2. **Maintenance:** Relays are often socket-mounted, allowing for easy replacement without de-wiring the entire board. 3. **Space Efficiency:** The compact DIN-rail design saves space inside electrical cabinets compared to using six individual industrial relays. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between NPN and PNP triggering on this module?
    • ⤷ Can the JR-6D-R handle inductive loads like motors directly?
    • ⤷ What are the common failure modes of relay interface modules?