データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JR16-R-DLDP3

  • AI
    The **JR16-R-DLDP3** is a specialized electronic component commonly used in control systems for industrial automation or ride-on electric vehicles (toy cars). It functions as a **Central Control Module (Receiver/Motherboard)** that manages power distribution and signal processing. --- ### ## Technical Specifications Overview The following table summarizes the primary electronic characteristics of the module: | Component Feature | Specification / Detail | | :--- | :--- | | **Operating Voltage** | Typically 12V DC (Standard for hobby/industrial controls) | | **Frequency Range** | 2.4 GHz (Standard for wireless interference-free pairing) | | **Integrated Circuits** | High-current MOSFETs for motor driving | | **Connector Type** | Multi-pin plug-and-play headers | | **Safety Features** | Overcurrent protection, thermal shutdown | --- ### ### Core Electronic Components The internal circuitry consists of several critical subsystems: 1. **Microcontroller (MCU):** The "brain" of the unit. It decodes the 2.4GHz radio frequency signals from the remote control and converts them into electrical pulses for the hardware. 2. **Motor Driver H-Bridge:** Consists of power transistors (MOSFETs) that allow the motor to spin in both directions (forward and reverse) and vary speed via **Pulse Width Modulation (PWM)**. 3. **Voltage Regulator:** Steps down the 12V battery input to a stable 3.3V or 5V to power the sensitive logic chips and the radio receiver. 4. **Relays (Optional in some revisions):** Electromechanical switches used to handle high-amperage directional shifts or high/low speed switching. --- ### ### Pinout and Connectivity The JR16-R-DLDP3 typically features the following interface points: * **V+ / V-:** Main battery input. * **M1 / M2:** Connections for the drive motors. * **Steering:** Output for the steering actuator motor. * **Signal Input:** Wired connections for the foot pedal and manual gear shifter. * **Audio/Light:** Auxiliary outputs for LEDs and sound modules. --- ### ### Troubleshooting Logic If the module fails, check the following electronic states: ```python # Logic sequence for testing functionality if battery_voltage < 10.5: status = "Under-voltage: Recharge battery" elif pairing_light == "Flashing": status = "Connection Error: Re-sync 2.4G remote" elif motor_output == 0 and pedal_pressed == True: status = "Check MOSFETs or Fuse" ``` ---
    ✨ Follow-up Questions
    • ⤷ How do I pair a 2.4G remote with the JR16-R-DLDP3 controller?
    • ⤷ What is the maximum current rating for the motors on this specific board?
    • ⤷ Can this module be upgraded from 6V to 12V operation?