データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JR16-R-DMSP115

  • AI
    The **JR16-R-DMSP115** is a specialized electronic component, typically classified as a **Magnetic Speed Sensor** or **Proximity Sensor**, often utilized in industrial automation, automotive systems, or heavy machinery for motion detection. --- ## 1. Component Overview This part is designed to detect the presence of magnetic fields or metallic targets to measure rotational speed (RPM) or position. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Magnetic Pick-up / Hall Effect Sensor | | **Model Series** | JR16 | | **Output Type** | Digital Pulse (Square Wave) | | **Operating Voltage** | 5V - 24V DC (Model dependent) | | **Connection Type** | M115 (Likely refers to a specific metric connector or thread) | --- ## 2. Key Electronic Characteristics The internal circuitry of this part usually consists of three main stages: ### A. Sensing Element * **Magnetoresistive or Hall Effect:** Uses a semiconductor crystal that reacts to magnetic flux. When a gear tooth or magnet passes the sensor face, it triggers a change in internal resistance or voltage. ### B. Signal Conditioning * **Schmitt Trigger:** An internal circuit that converts the raw analog signal from the sensor into a clean, "snappy" digital signal. This prevents "chatter" or false triggering caused by noise. * **Amplifier:** Boosts the signal strength to ensure it can travel through long cables without significant degradation. ### C. Output Stage * **NPN/PNP Open Collector:** Most JR16 series sensors use a transistor output. * **NPN:** Switches the load to the negative rail (GND). * **PNP:** Switches the load to the positive rail (VCC). --- ## 3. Pinout and Wiring (Standard Color Codes) While you should always consult the specific datasheet for the **DMSP115** variant, standard industrial sensors follow this convention: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | +VCC | Positive Power Supply | | **Blue** | GND | Ground / Negative | | **Black** | Output | Signal Pulse (Pulse per detection) | --- ## 4. Typical Applications 1. **Engine RPM Sensing:** Mounted near the flywheel to count gear teeth. 2. **Conveyor Speed:** Measuring the velocity of industrial belts. 3. **ABS Systems:** Detecting wheel rotation speed in automotive or heavy-duty transport. 4. **Flow Meters:** Detecting the rotation of internal turbines in liquid pipes. ---
    ✨ Follow-up Questions
    • What is the maximum operating frequency (Hz) for the JR16-R-DMSP115?
    • Does this specific model require a pull-up resistor for the output signal?
    • What are the thread dimensions and mounting requirements for this sensor?