データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JRQ2-4F-R

  • AI
    ### Overview of the JRQ2-4F-R The **JRQ2-4F-R** is a specific model of a **Miniature Intermediate Power Relay**. These components are widely used in industrial automation and control circuits to interface between low-power signals (like those from a PLC or microcontroller) and high-power loads. --- ### Key Specifications Below is a breakdown of the typical technical characteristics found in the JRQ2-4F series: | Feature | Specification Details | | :--- | :--- | | **Contact Form** | 4PDT (4 Form C) - Meaning 4 sets of changeover contacts | | **Mounting Type** | PCB (Through-hole) or Socket Mount | | **Coil Voltages** | Available in DC (6V-110V) or AC (6V-240V) versions | | **Contact Material** | Silver Alloy (often AgSnO2 or AgNi) for durability | | **Switching Capacity** | Typically 3A to 5A at 250VAC/30VDC | | **Mechanical Life** | $\ge$ 10,000,000 operations | --- ### Detailed Electronic Breakdown #### 1. Coil System The "Heart" of the relay. When voltage is applied to the coil pins, an electromagnetic field is generated, pulling the armature toward the core. The **-R** suffix often denotes specific characteristics such as: * **RoHS Compliance:** Environmentally friendly materials. * **Indicator:** Some versions include a built-in LED to show when the coil is energized. #### 2. Contact Arrangement (4PDT) The "4F" in the part number indicates **4 sets of contacts**. Each set consists of: * **Common (COM):** The moving part. * **Normally Closed (NC):** Connected to COM when no power is applied. * **Normally Open (NO):** Connects to COM only when the coil is energized. #### 3. Insulation and Safety * **Dielectric Strength:** Usually rated at 1500VAC between the coil and contacts to prevent high-voltage surges from damaging the control circuit. * **Insulation Resistance:** Typically 100M$\Omega$ minimum. --- ### Application Circuit Example In a standard application, the relay is used to isolate a sensitive controller from a high-voltage motor. ```python # Pseudo-Logic for Relay Control if sensor_input == "HIGH": activate_gpio(relay_pin) # Energizes JRQ2-4F-R Coil print("Load Circuit Closed") else: deactivate_gpio(relay_pin) # De-energizes Coil print("Load Circuit Open") ``` --- ### Comparison with Similar Models | Model | Contacts | Current Rating | Best Use Case | | :--- | :--- | :--- | :--- | | **JRQ2-2F** | DPDT (2 sets) | 5A | Basic signal switching | | **JRQ2-4F-R** | 4PDT (4 sets) | 3A/5A | Complex logic/Multiple loads | | **JQX Series** | Various | 10A+ | High power applications |
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage required for your specific JRQ2-4F-R unit?
    • ⤷ Do you need the pinout diagram for PCB layout design?
    • ⤷ Are you using this relay for AC or DC load switching?