データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JS200-R

  • AI
    The **JS200-R** is a specific variant of the JCB JS200 series hydraulic excavators. The "R" often denotes specific regional or attachment configurations, but the core electronic architecture remains consistent with JCB’s Advanced Management System (AMS). Below is a breakdown of the primary electronic components and systems found in the JS200-R. --- ### 1. Main Control Units The machine's "brain" consists of two primary modules that communicate via a CAN bus system. | Component | Function | | :--- | :--- | | **AMS (Advanced Management System)** | The primary computer that monitors engine speed, hydraulic pressure, and operator input to optimize performance. | | **ECU (Engine Control Unit)** | Manages fuel injection, timing, and emissions based on data from the AMS and engine sensors. | | **Monitor Panel** | A digital interface in the cab that displays diagnostic codes, fuel levels, coolant temperature, and maintenance alerts. | --- ### 2. Sensor Network Sensors act as the nervous system, providing real-time feedback to the AMS. * **Pressure Sensors:** Located on the main hydraulic pump and valve block to monitor load sensing. * **Engine Speed Sensor (RPM):** Ensures the engine stays within the power curve. * **Temperature Sensors:** Monitor hydraulic oil, engine coolant, and ambient air. * **Proportional Solenoids:** Electronic valves that convert electrical signals from the joysticks into physical movement of hydraulic spools. --- ### 3. Wiring and Connectivity The JS200-R utilizes heavy-duty wiring harnesses designed for high-vibration environments. ```yaml System_Architecture: Communication: CAN Bus (Controller Area Network) Voltage: 24V DC System Batteries: 2 x 12V (Connected in series) Alternator: 24V / 50A to 80A (depending on sub-model) Protection: IP67/IP69K rated connectors (Water/Dust resistant) ``` --- ### 4. Operating Modes (Electronic Control) The AMS allows the operator to switch between four electronic power modes to balance fuel economy and productivity: 1. **Auto Mode:** Automatically adjusts engine RPM and pump flow based on load. 2. **Economy (E):** Limits engine speed to save fuel during light work. 3. **Precision (P):** Reduces flow for delicate lifting or grading tasks. 4. **Lifting (L):** Boosts pressure while reducing speed for heavy lifting operations. --- ### 5. Common Electronic Diagnostic Codes When the electronics fail, the monitor panel displays alphanumeric codes. Common JS200 series categories include: * **P-Codes:** Engine-related (ECU) issues (e.g., fuel rail pressure). * **U-Codes:** Communication errors (CAN bus link failures). * **E-Codes:** General machine errors (e.g., sensor short circuits). ---
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the AMS controller on a JS200-R?
    • ⤷ What are the most common causes of CAN bus communication errors in JCB excavators?
    • ⤷ How does the electronic 'Auto-Idle' feature function in this model?