データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JS250-R

  • AI
    The **JS250-R** (commonly known as the Jianshe 250cc engine or Loncin 250 variants used in ATVs and dual-sport motorcycles) utilizes a standard DC-fired ignition system. Understanding its electronic components is vital for troubleshooting starting or performance issues. --- ### Key Electronic Components | Component | Function | Common Symptoms of Failure | | :--- | :--- | :--- | | **CDI Unit (Capacitor Discharge Ignition)** | The "brain" of the engine; controls spark timing. | No spark, engine stalling when hot, or erratic idling. | | **Stator (Magneto)** | Generates AC electricity via engine rotation to charge the battery and power the CDI. | Battery not charging, dim lights, or weak spark. | | **Voltage Regulator / Rectifier** | Converts AC from the stator to DC and limits voltage to ~14.4V. | Overcharged battery (bulging), blown light bulbs, or dead battery. | | **Ignition Coil** | Steps up low voltage to high voltage (thousands of volts) for the spark plug. | Misfiring under load, weak orange spark instead of blue. | | **Starter Solenoid (Relay)** | High-current switch that connects the battery directly to the starter motor. | Rapid clicking sound or no response when pressing the start button. | | **Pickup Coil (Stator Pulse Generator)** | Sends a timed signal to the CDI to tell it when to fire the spark. | No spark at all; engine won't start despite cranking. | --- ### Technical Specifications & Wiring Logic The JS250-R typically follows a standard Chinese 250cc wiring harness logic. Below is a general representation of the CDI pinout found on most JS250 models: #### CDI Pinout (6-Pin Dual Plug Style) ```text [ 1 | 2 ] 1: Ignition Coil (Output) 2: Pickup Coil (Trigger) [ 3 | 4 ] 3: Ground 4: Not Used / Kill Switch [ 5 | 6 ] 5: 12V DC Power (Input) 6: Ground ``` ### Maintenance Checklist 1. **Battery Voltage:** Ensure the battery maintains at least **12.6V** static and jumps to **13.5V - 14.5V** when the engine is running at 3000 RPM. 2. **Spark Plug Gap:** The standard gap for the D8TC or equivalent plug used in these engines is **0.6mm - 0.7mm**. 3. **Grounding:** Check the main ground wire (usually green) attached to the engine case. Corrosion here is the #1 cause of "ghost" electrical issues. ---
    ✨ Follow-up Questions
    • ⤷How do I test the JS250-R stator using a multimeter?
    • ⤷ What is the correct spark plug code for the JS250-R engine?
    • ⤷ Why is my JS250-R battery draining while the bike is turned off?