データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JS40-R

  • AI
    The **JS40-R** typically refers to a high-torque, low-speed reciprocating geared motor commonly used in industrial automation, rotating displays, and DIY robotics. Below is an overview of its electronic and electromechanical components. --- ### 1. Technical Specifications Table | Feature | Typical Specification | | :--- | :--- | | **Motor Type** | Permanent Magnet DC (PMDC) | | **Operating Voltage** | 6V, 12V, or 24V DC (Model dependent) | | **Rotation Mode** | Reciprocating (Back-and-forth) | | **Speed Range** | 1 RPM to 100 RPM (Variable by gearbox) | | **Shaft Type** | D-shaped or Round (usually 7mm diameter) | | **Housing Material** | Zinc Alloy / Aluminum Die-cast | --- ### 2. Key Electronic & Mechanical Parts #### A. DC Brush Motor (The Power Core) The heart of the JS40-R is a standard brushed DC motor. * **Commutator & Brushes:** Transfers electrical current to the spinning armature. * **Windings:** Copper coils that create the electromagnetic field. * **Magnets:** High-strength permanent magnets provide the static magnetic field. #### B. The Gearbox (Speed Reducer) The "JS" series is known for its robust internal gearing. * **Material:** Usually a mix of high-strength plastic (first stage for noise reduction) and metal gears (final stages for torque). * **Function:** Converts high-speed low-torque rotation from the motor into low-speed high-torque motion. #### C. Reciprocating Mechanism Unlike standard motors that spin 360° continuously, the **JS40-R** features an internal mechanical eccentric linkage or a specific gear arrangement that converts rotary motion into a back-and-forth swing (usually between 45° to 90° depending on the specific sub-model). #### D. Terminals and Connectivity * **Solder Tabs:** Two metal tabs at the rear for power input. * **Polarity:** Reversing the DC polarity will reverse the direction of the initial stroke, though the reciprocating action remains constant. --- ### 3. Control Circuitry (External) Since the JS40-R is a "dumb" motor (no internal logic), it is usually paired with the following external electronics: 1. **PWM Speed Controller:** Used to adjust the speed of the reciprocating motion by pulsing the voltage. 2. **AC-DC Power Adapter:** Converts wall power (110V/220V) to the required 12V or 24V DC. 3. **Bridge Rectifier (if applicable):** If you are attempting to run it from a transformer without a built-in DC output. --- ### 4. Typical Applications * **Advertising Displays:** For moving signs that wave or oscillate. * **Grill/Rotisserie:** Slow back-and-forth movement. * **Automated Testing:** Repetitive motion for button pressing or durability tests. * **Animated Props:** Used in holiday decorations (e.g., waving Santa or swaying ghosts).
    ✨ Follow-up Questions
    • ⤷ What is the maximum torque capacity of the JS40-R motor?
    • ⤷ Can I control the angle of the reciprocating motion electronically?
    • ⤷ How do I wire a PWM controller to this motor?