データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JS600-R

  • AI
    The **JS600-R** typically refers to a high-performance industrial-grade joystick or a series of motor controllers (depending on the specific manufacturer like SIKES or similar industrial automation brands). Most commonly, this model number is associated with **heavy-duty industrial joystick controllers** used in construction machinery and medical equipment. Below is an overview of the electronic components and technical characteristics of the JS600-R series. --- ### 1. Key Electronic Components | Component | Description | Function | | :--- | :--- | :--- | | **Hall Effect Sensors** | Non-contact magnetic sensors | Detects the position of the handle without physical wear, ensuring long life. | | **Potentiometers** | Precision resistive elements | Provides variable voltage output based on the angle of the joystick. | | **Microswitches** | Snap-action directional switches | Detects "Center" or "Full-Throw" positions for safety interlocking. | | **Signal Converter** | Integrated Circuit (IC) | Converts raw sensor data into standardized protocols (4-20mA, 0-5V, or CANbus). | | **Spring Return Mechanism** | Mechanical with electronic centering | Ensures the electronics return to a neutral (zero) state when released. | --- ### 2. Technical Specifications The electronics are designed for harsh environments, featuring high EMC (Electromagnetic Compatibility) resistance. * **Operating Voltage:** Typically 5V DC (regulated) or 9-36V DC (unregulated). * **Output Signals:** * Analog (0.5–4.5V) * Digital (RS232, RS485) * Bus (CANopen, J1939) * **Life Cycle:** Often rated for 5 million to 10 million cycles. * **Protection Class:** IP65 to IP67 for electronic sealing against moisture and dust. --- ### 3. Connection Pinout (Generic Example) *Most JS600-R units use a multi-pin connector (like Deutsch or Molex). A typical configuration includes:* ```yaml Pin 1: VCC (Power Supply +) Pin 2: GND (Ground -) Pin 3: X-Axis Output (Proportional) Pin 4: Y-Axis Output (Proportional) Pin 5: Center Tap / Common Pin 6: Push Button / Deadman Switch ``` --- ### 4. Circuit Protection Features To prevent failure in industrial settings, the JS600-R electronics usually include: 1. **Reverse Polarity Protection:** Prevents damage if the power wires are swapped. 2. **Overvoltage Protection:** Guards against spikes from the vehicle/machine battery. 3. **Redundancy:** Dual sensors per axis are often used so that if one fails, the system can detect the error and enter a "Safe Mode."
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the Hall Effect and Potentiometer versions of the JS600-R?
    • ⤷ How do I calibrate the center position of a JS600-R controller?
    • ⤷ Which CANbus protocols are supported by the JS600-R digital output?