データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • JT028-R-CSL

  • AI
    The **JT028-R-CSL** is a specific high-resolution, small-form-factor TFT LCD display module. These modules are commonly used in industrial equipment, medical devices, and high-end consumer electronics that require a circular or compact square interface. --- ### 1. Technical Specifications The following table outlines the core electronic and physical characteristics typical of the JT028-R-CSL series: | Parameter | Specification | | :--- | :--- | | **Display Type** | TFT LCD (Thin Film Transistor) | | **Screen Size** | 2.8 Inches | | **Resolution** | 240 x 320 Pixels (QVGA) | | **Interface** | SPI (4-wire) / MCU 8/16-bit Parallel | | **Driver IC** | Usually ILI9341 or ST7789V | | **Backlight** | White LED (4-6 LEDs in parallel/series) | | **Touch Panel** | Optional (Capacitive or Resistive) | | **Operating Voltage** | 2.8V - 3.3V (Logic) | --- ### 2. Key Electronic Components #### A. Driver IC (Integrated Circuit) The heart of the module is the Driver IC. It translates digital signals from your microcontroller (like an Arduino, ESP32, or STM32) into the voltages required to twist the liquid crystals. It handles: * **Frame Buffering:** Storing the image data. * **Gamma Correction:** Ensuring color accuracy. * **Power Management:** Regulating internal voltages for the LCD glass. #### B. Flexible Printed Circuit (FPC) The "tail" of the display is the FPC. It contains the routing for: * **Data Lines:** (D0-D7 or SDI/SDO). * **Control Lines:** CS (Chip Select), RS/DC (Data/Command), WR (Write), and RD (Read). * **Backlight Power:** Anode (LEDA) and Cathode (LEDK) pins. #### C. Backlight Circuit The module uses a series of high-brightness White LEDs. * **Current Sensing:** Requires a constant current driver (typically 20mA). * **PWM Dimming:** The brightness can be controlled via Pulse Width Modulation through the BL pin or an external transistor circuit. --- ### 3. Pinout Configuration (Standard 4-Wire SPI Example) If the JT028-R-CSL is configured for SPI, the pin logic usually follows this structure: ```cpp // Example Pin Mapping for Microcontrollers #define TFT_CS 10 // Chip Select #define TFT_RST 9 // Reset #define TFT_DC 8 // Data/Command #define TFT_MOSI 11 // Master Out Slave In #define TFT_SCLK 13 // Serial Clock #define TFT_LED 5 // Backlight Control ``` --- ### 4. Integration Requirements To operate this part electronically, you must ensure: 1. **Logic Level Shifting:** If using a 5V microcontroller (like Arduino Uno), you **must** use a level shifter to drop the signal to 3.3V to avoid burning the Driver IC. 2. **Backlight Resistor:** If not using a dedicated LED driver, a current-limiting resistor (e.g., 47-100 ohms) is necessary to prevent LED burnout.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout for the 24-pin version of this module?
    • ⤷ Which library is best for driving the JT028-R-CSL with an ESP32?
    • ⤷ Does this model support capacitive touch (CTP) integration?