JV1-R
AI

The **JV1-R** typically refers to a specific series of **Miniature Power Relays** (often manufactured by companies like Panasonic or Hongfa). These components are widely used in home appliances and industrial equipment for switching high-power circuits using a low-power control signal.
### 1. Technical Specifications
The "JV" series is characterized by its compact size and high sensitivity. Below are the typical technical parameters for the JV1-R series:
| Parameter | Typical Value |
| :--- | :--- |
| **Contact Form** | 1 Form C (SPDT) or 1 Form A (SPST-NO) |
| **Rated Load (Resistive)** | 10A 125VAC / 5A 250VAC / 5A 30VDC |
| **Max Switching Voltage** | 250VAC / 110VDC |
| **Nominal Coil Voltage** | 5V, 9V, 12V, or 24V DC |
| **Coil Power Consumption** | Approx. 200mW to 400mW |
| **Insulation Resistance** | 1,000 MΩ Min. (at 500VDC) |
| **Dielectric Strength** | 1,000 VAC (between open contacts) |
---
### 2. Internal Components & Construction
The JV1-R relay consists of four primary electronic/mechanical parts:
1. **The Coil:** A copper wire winding that creates a magnetic field when energized. The "R" in some naming conventions refers to "High Sensitivity" or specific environmental ratings (like Flux-resistant).
2. **The Armature:** A moving iron part that is attracted by the coil's magnetic field.
3. **The Contacts:** Usually made of **Silver Alloy**. These are the points that physically touch to complete the electrical circuit.
4. **The Spring:** Ensures the armature returns to its original position when the power to the coil is cut off.
---
### 3. Connection Diagram (Standard SPDT)
The pin layout usually follows a standard 5-pin configuration for the 1 Form C (Change-over) type:
```text
[Coil] ---- (1) (3) ---- [Normally Open]
| |
[Common] -- (5) |
| |
[Coil] ---- (2) (4) ---- [Normally Closed]
```
### 4. Common Applications
* **Home Appliances:** Control boards for air conditioners, microwave ovens, and washing machines.
* **Office Automation:** Power supplies and printers.
* **Industrial:** PLCs (Programmable Logic Controllers) and remote control equipment.
---
### 5. Identification Code Breakdown
If you are looking at the part number (e.g., **JV1-R-12V**):
* **JV:** Series Name.
* **1:** Contact Rating/Type.
* **R:** Specific feature (usually "High Sensitivity" or "Heat Resistant").
* **12V:** The required DC voltage to trigger the relay.
- ⤷
What is the difference between the 'R' and 'S' suffix in these relays?
- ⤷ How do I calculate the flyback diode needed for a JV1-R relay?
- ⤷ Can this relay be used to switch inductive loads like motors?