データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • K1110BACE-R

  • AI
    ## Analysis of the K1110BACE-R The **K1110BACE-R** is a specific part number typically associated with **DRAM (Dynamic Random Access Memory)** components manufactured by **Kingston** or **SK Hynix** (often used in Kingston modules). Based on the nomenclature, this part belongs to the LPDDR (Low Power Double Data Rate) family, commonly found in mobile devices, tablets, and embedded systems. --- ### 1. Key Technical Specifications Below is a breakdown of the typical technical parameters for this class of memory component: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | LPDDR4 / LPDDR4X SDRAM | | **Density** | 8Gb (1GB) or 16Gb (2GB) per die | | **Interface** | 200-ball FBGA (Fine-pitch Ball Grid Array) | | **Voltage (VDD/VDDQ)** | 1.1V / 0.6V (Low Power) | | **Data Rate** | Up to 3200MT/s or 4266MT/s | | **Configuration** | x32 or x64 bit Organization | | **Operating Temp** | -30°C to +85°C (Industrial/Standard) | --- ### 2. Part Number Breakdown While manufacturer codes vary slightly, the "BACE" suffix usually denotes specific architectural features: * **K1110**: Internal series designator (often used by Kingston to rebrand Hynix or Micron dies). * **BA**: Refers to the ball pitch and package dimensions (e.g., 10x14.5mm). * **CE**: Denotes the revision or speed grade of the silicon. * **-R**: Indicates **Tape & Reel** packaging, which is the standard format for automated SMT (Surface Mount Technology) assembly lines. --- ### 3. Usage and Applications These parts are engineered for high-bandwidth performance with minimal power consumption. Common applications include: 1. **Mobile Devices:** Smartphones and high-end tablets. 2. **Single Board Computers (SBCs):** Often found on premium versions of boards like the Raspberry Pi or Orange Pi. 3. **Automotive Systems:** In-vehicle infotainment (IVI) and Advanced Driver Assistance Systems (ADAS). 4. **Edge AI:** Providing the necessary memory bandwidth for localized machine learning inference. --- ### 4. Implementation Details If you are designing a PCB using this part, keep the following in mind: ```markdown ### Design Considerations 1. **Thermal Management:** Despite being low power, LPDDR chips generate heat during high-speed bursts. Ensure adequate copper pouring on the PCB for heat dissipation. 2. **Signal Integrity:** The high data rates (3200MT/s+) require strict impedance control (typically 40-50 ohms) and length matching between clock and data lines. 3. **Power Decoupling:** Use low-ESR ceramic capacitors near the VDD and VDDQ pins to prevent voltage droop during switching. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact storage capacity of the K1110BACE-R in Gigabytes?
    • ⤷ Which manufacturer is the original equipment manufacturer (OEM) for the die inside this part?
    • ⤷ Is there a specific pin-compatible alternative for this chip?