データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • K1525CAMT-R

  • AI
    ## Technical Analysis of the K1525CAMT-R The **K1525CAMT-R** is a high-performance, surface-mount (SMD) clock oscillator manufactured by **CTS Electronic Components** (formerly part of the Knight series). It is primarily used to provide a stable frequency reference for digital circuits. --- ### 1. Key Specifications The following table highlights the core electronic characteristics of the K1525 series: | Parameter | Specification | | :--- | :--- | | **Output Frequency** | Custom (Depends on specific sub-code, typically MHz range) | | **Output Type** | HCMOS / TTL Compatible | | **Supply Voltage (Vcc)** | +5.0 Vdc (Standard for K1525 series) | | **Frequency Stability** | ±100 ppm (Standard), ±50 ppm or ±25 ppm available | | **Package Type** | 4-Pin SMD (J-Lead or Gull-wing) | | **Operating Temperature** | 0°C to +70°C (Commercial) | | **Enable/Disable Function** | Tristate (Pin 1) | --- ### 2. Component Pin Configuration The K1525CAMT-R typically follows a standard 4-pin layout for surface-mount oscillators: 1. **Pin 1: Tri-State Control (Enable/Disable)** * High or Floating: Output is active. * Low: Output goes to high impedance (saves power). 2. **Pin 2: Ground (GND)** * Connected to the negative supply/system ground. 3. **Pin 3: Output** * The generated square wave frequency (HCMOS/TTL). 4. **Pin 4: Supply Voltage (Vcc)** * +5.0V input power. --- ### 3. Electronic Features & Applications #### Features * **Low Phase Jitter:** Crucial for high-speed data communications to ensure timing accuracy. * **HCMOS/TTL Compatibility:** Can drive various types of digital logic gates without additional level-shifting components. * **Tri-State Output:** Allows the component to be disconnected from the bus electronically, which is useful for testing or power-saving modes. #### Applications * **Networking Hardware:** Routers, switches, and modems. * **Computing:** Motherboards, peripheral controllers, and embedded systems. * **Industrial:** Timing references for PLCs (Programmable Logic Controllers) and automation sensors. --- ### 4. Part Number Breakdown While specific to CTS nomenclature, the "CAMT-R" suffix typically denotes: * **C:** Frequency stability rating (e.g., 100ppm). * **A:** Operating temperature range. * **MT:** Package variation (often indicating specific height or lead style). * **R:** Tape and Reel packaging for automated assembly. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of your specific K1525CAMT-R unit?
    • ⤷ Do you need a circuit diagram showing how to connect the Tri-State pin?
    • ⤷ Are you looking for a lower voltage (3.3V) alternative to this 5V part?