データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • K1602-R

  • AI
    The **K1602-R** typically refers to a specific type of **LCD Keypad Shield** designed for Arduino and other microcontroller platforms. It combines a 16x2 character display with a set of input buttons to create a user interface module. --- ### ## Component Overview The module consists of several critical electronic sections that work together to provide display and input functionality. | Part Category | Specific Component | Function | | :--- | :--- | :--- | | **Display Unit** | 1602 LCD (Liquid Crystal Display) | Displays 16 characters per line across 2 lines. | | **Driver IC** | HD44780 (or compatible) | Translates microcontroller signals into text on the screen. | | **Input Interface** | 5 Tactile Push-buttons | User input (Select, Left, Up, Down, Right). | | **Adjustment** | 10k Potentiometer | Controls the contrast of the LCD characters. | | **Reset** | Reset Button | Connects to the Arduino Reset pin to restart the system. | --- ### ### Technical Specifications To integrate the K1602-R into a circuit, you must understand its electrical characteristics: * **Operating Voltage:** 5V DC. * **Current Consumption:** ~20mA (backlight off) to ~150mA (backlight on). * **Backlight:** Blue or Green LED (depending on specific model variant). * **Interface:** 4-bit parallel communication (saves pins compared to 8-bit). --- ### ### Electronic Schematic Logic The K1602-R is unique in how it handles the buttons to save pins on the microcontroller: 1. **The Resistor Ladder:** Instead of using 5 digital pins for 5 buttons, the K1602-R uses an **Analog Resistor Ladder**. All buttons are connected to the **Analog Pin A0**. 2. **Voltage Divider:** Each button, when pressed, creates a different voltage level through a series of resistors. 3. **Software Detection:** The microcontroller reads the analog value (0-1023) and determines which button was pressed based on the voltage range. --- ### ### Pin Assignment (Standard Arduino Layout) ```cpp // Common Pin Mapping for K1602-R LiquidCrystal lcd(8, 9, 4, 5, 6, 7); // RS = 8, Enable = 9, D4 = 4, D5 = 5, D6 = 6, D7 = 7 /* Button Voltage Ranges (Approximate at A0): - Right: 0.00V (0) - Up: 0.71V (145) - Down: 1.61V (329) - Left: 2.47V (505) - Select:3.62V (741) */ ```
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the contrast if the screen is blank?
    • ⤷ Can this module be modified to use I2C to save more pins?
    • ⤷ What are the common resistor values used in the A0 analog ladder?