データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • K240AS-R024-N2AT

  • AI
    The **K240AS-R024-N2AT** is a specialized electronic component, typically categorized as a **High-Voltage Contactors** or a **Power Relay**, often utilized in Electric Vehicle (EV) charging systems, battery management, and industrial high-current applications. --- ### 1. General Specifications This part is designed to handle high DC voltages and significant current loads, ensuring safe circuit connection and disconnection. | Feature | Typical Specification | | :--- | :--- | | **Component Type** | High Voltage DC Contactor / Relay | | **Rated Voltage** | 450V - 1000V DC (Common for K240 series) | | **Rated Current** | 240A (Continuous) | | **Coil Voltage** | 12V or 24V DC (Standard control voltage) | | **Configuration** | SPST-NO (Single Pole Single Throw - Normally Open) | --- ### 2. Key Electronic Characteristics The part number breakdown typically reveals the functional limits of the device: * **Load Switching:** Designed for high-power DC switching where arcing is a significant risk. It often contains an **Arc Blowout Magnet** or a **Hermetically Sealed** chamber (filled with inert gas) to extinguish arcs quickly. * **Contact Resistance:** Engineered for ultra-low resistance (typically <1mΩ) to prevent overheating during high-current conduction. * **Insulation Resistance:** Usually rated at 1,000MΩ or higher at 500V DC to ensure safety between the control coil and the high-voltage contacts. * **Dielectric Strength:** Capable of withstanding high-voltage spikes (often up to 2,500V AC or higher) between contacts and coil. --- ### 3. Application Areas These parts are critical in systems where high-energy batteries must be isolated for safety or maintenance. * **EV Fast Charging Stations:** Used to engage/disengage the DC power from the charger to the vehicle. * **Battery Energy Storage Systems (BESS):** Manages the connection of battery strings to the inverter. * **Electric Powertrains:** Acts as the main contactor between the battery pack and the motor controller. --- ### 4. Safety and Reliability Features * **Polarity Sensitivity:** Some models are polarity-sensitive (marked + and - on the load terminals) to optimize arc suppression. * **Auxiliary Contacts:** The "N2AT" suffix often indicates specific terminal types or the inclusion of an auxiliary contact for "state feedback" (letting a microcontroller know if the relay is actually closed).
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current this contactor can handle?
    • ⤷ Is this specific model polarized or non-polarized for DC connections?
    • ⤷ What is the power consumption of the control coil during operation?