データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • K24C080-RCT-S

  • AI
    ## Overview of the K24C08 (K24C08-RCT-S) The **K24C08-RCT-S** is a specific variant of an **8K-bit (1024 x 8) Serial Electrically Erasable Programmable Read-Only Memory (EEPROM)**. It utilizes the $I^2C$ (Inter-Integrated Circuit) protocol for communication. This component is commonly used in consumer electronics, automotive modules, and industrial controllers for storing configuration data, user settings, or calibration constants that must persist when power is removed. --- ### 1. Technical Specifications Below are the primary technical parameters for the K24C08 series: | Feature | Specification | | :--- | :--- | | **Memory Capacity** | 8 Kbits (1,024 Bytes) | | **Interface** | $I^2C$ Serial Interface (Standard, Fast, and High-Speed modes) | | **Operating Voltage** | 1.7V to 5.5V | | **Operating Current** | Read: 1mA (max); Write: 3mA (max) | | **Standby Current** | < 1$\mu$A | | **Write Cycle Time** | 5ms (Max) | | **Endurance** | 1,000,000 Write Cycles (minimum) | | **Data Retention** | > 100 Years | --- ### 2. Pin Configuration and Functions The "S" in the suffix usually denotes an **SOP-8 (Small Outline Package)**. | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 - 2 | A0 - A1 | **Address Inputs:** Used to set the device address (though for 8K chips, some are internally used for page addressing). | | 3 | A2 | **Address Input:** Hard-wired to $V_{CC}$ or $GND$ to define the device's $I^2C$ address. | | 4 | GND | **Ground.** | | 5 | SDA | **Serial Data:** Bi-directional pin used to transfer data into and out of the device. | | 6 | SCL | **Serial Clock:** Used to synchronize data transfer. | | 7 | WP | **Write Protect:** If connected to $V_{CC}$, write operations are inhibited. If connected to $GND$, normal operations occur. | | 8 | $V_{CC}$ | **Power Supply.** | --- ### 3. Key Electronic Features * **Schmitt Trigger Inputs:** The SCL and SDA pins feature Schmitt triggers for noise filtering, ensuring stable communication in electrically noisy environments. * **Page Write Mode:** The device supports a **16-byte page write** buffer. This allows multiple bytes to be written in a single cycle, significantly increasing throughput compared to byte-by-byte writing. * **Low Power Consumption:** Its extremely low standby current makes it ideal for battery-powered applications. * **Self-Timed Write Cycle:** Once a write command is received, the chip handles the high-voltage internal erase/write timing automatically. --- ### 4. Part Number Decoding (RCT-S) * **K24C08:** The base model (8K bits). * **R:** Usually denotes the packaging orientation (e.g., Tape and Reel). * **C:** Commercial/Industrial grade temperature range (typically -40°C to +85°C). * **T:** Lead-free / RoHS Compliant plating. * **S:** SOP-8 Package type. --- ### 5. Implementation Example To interface the K24C08 with a microcontroller (like an Arduino or STM32), pull-up resistors (typically 4.7k$\Omega$) are required on the SDA and SCL lines. ```cpp // Pseudocode for I2C Write to K24C08 Wire.beginTransmission(0x50); // Standard I2C address for EEPROM Wire.write(memory_address); // The location to write to Wire.write(data_byte); // The data to store Wire.endTransmission(); delay(5); // Essential: Wait for internal write cycle (tWR) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between K24C08 and K24C16 in terms of I2C addressing?
    • ⤷ How do I calculate the pull-up resistor value for the SDA/SCL lines?
    • ⤷ Can the WP pin be toggled by a GPIO during runtime to protect data?