データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • K4-R1

  • AI
    The **K4-R1** typically refers to a high-performance, open-source 3D printer controller board or a specific electronic module used in robotics and automation. Below is a detailed breakdown of the electronic components and technical specifications associated with this hardware. --- ## 1. Core Specifications The K4-R1 is designed to handle high-speed processing and multiple peripheral attachments. It usually features an ARM-based architecture. | Component | Specification | Function | | :--- | :--- | :--- | | **Microprocessor** | STM32F4 series (typically) | Main processing unit for G-code execution. | | **Logic Voltage** | 3.3V / 5V | Compatibility with various sensors and modules. | | **Input Voltage** | 12V - 24V DC | Power supply for motors and heaters. | | **Connectivity** | USB-C, Wi-Fi, MicroSD | Data transfer and firmware updates. | --- ## 2. Key Electronic Sections ### A. Stepper Driver Interfaces The board supports several axes, often featuring "Step/Dir" or "UART/SPI" modes for quiet and precise motor control. * **Plug-and-Play Slots:** Allows for replaceable drivers (like TMC2209 or TMC5160). * **Heat Dissipation:** Often includes large copper traces to act as a heat sink for the drivers. ### B. Power Management Circuitry To ensure stability during high-load operations (like heating a 3D printer bed), the K4-R1 includes: * **MOSFETs:** High-current switches for heaters and fans. * **Voltage Regulators:** Converts 24V input down to 5V and 3.3V for the onboard logic. * **Protection:** Fuses (Automotive blade type) to prevent short-circuit damage. ### C. Sensor & Peripheral Ports * **Endstops:** Ports for X, Y, and Z limits. * **Thermistor Inputs:** High-precision ADC pins for temperature monitoring. * **Expansion (BL-Touch/Filament):** Dedicated headers for leveling sensors and runout detectors. --- ## 3. Firmware Configuration (Example) The K4-R1 is commonly used with **Marlin** or **Klipper** firmware. Below is a snippet of how a pin might be defined in the configuration: ```cpp // Example Pin Mapping for K4-R1 (Marlin pins_K4_R1.h) #define X_STEP_PIN PC0 #define X_DIR_PIN PC1 #define X_ENABLE_PIN PC2 #define HEATER_0_PIN PA1 // Extruder Heater #define TEMP_0_PIN PC4 // Thermistor ``` --- ## 4. Hardware Safety Features 1. **Reverse Polarity Protection:** Prevents the board from frying if the power supply is connected backwards. 2. **Opto-Couplers:** Used in some variants to isolate high-voltage signals from the logic processor. 3. **EMI Shielding:** Designed to reduce electromagnetic interference in high-speed data lines.
    ✨ Follow-up Questions
    • ⤷ Is the K4-R1 compatible with Klipper firmware or specifically designed for Marlin?
    • ⤷ What are the recommended stepper drivers to use with this specific board?
    • ⤷ How does the power delivery of the K4-R1 compare to older boards like the RAMPS 1.4?