データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • K7AN-R

  • AI
    The **K7AN-R** is a specific electronic component manufactured by **OMRON**. It is categorized as a **Main Unit for the K7AN Digital Asset Monitoring Device**, specifically designed for detecting abnormalities in three-phase induction motors and other power-related equipment. --- ### 1. Technical Specifications The K7AN-R acts as the "brain" or the controller unit that processes signals from current transformers (CTs) to identify motor degradation. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Omron | | **Component Type** | Main Unit (Controller) | | **Power Supply** | 100 to 240 VAC | | **Input Signals** | Current/Voltage via dedicated sensors | | **Monitoring Target** | 3-Phase Induction Motors | | **Mounting Type** | DIN Rail Mounting | | **Communication** | RS-485 (Modbus RTU) | --- ### 2. Key Electronic Functions The K7AN-R performs several complex electronic tasks to ensure predictive maintenance: * **Signal Processing:** It converts analog inputs from CTs (Current Transformers) into digital data to analyze the "Current Signature" of the motor. * **Anomaly Detection:** By using proprietary algorithms, it identifies frequency shifts that indicate mechanical issues (e.g., bearing wear, misalignment) or electrical issues (e.g., rotor bar failure). * **Threshold Management:** It allows users to set "Warning" and "Critical" thresholds. When the measured values exceed these limits, the internal relays trigger. * **Data Logging:** It tracks the degradation trend over time, allowing for predictive maintenance before a total failure occurs. --- ### 3. Connection and Architecture The K7AN-R is typically part of a modular system. Its electronic architecture involves: 1. **Input Terminals:** For connecting the dedicated CT (Current Transformer) sensors. 2. **Relay Outputs:** Includes transistor or mechanical relay outputs to signal an alarm to a PLC (Programmable Logic Controller) or an HMI. 3. **Display Interface:** A front-facing LED/LCD panel to show current status, error codes, and configuration parameters. 4. **Isolation:** High-level galvanic isolation between the power supply and the sensing inputs to protect the internal circuitry from high-voltage surges. --- ### 4. Typical Applications * **Water Treatment:** Monitoring pump motors. * **Manufacturing:** Monitoring conveyor belts and CNC cooling fans. * **HVAC:** Ensuring the health of large air-handling unit (AHU) motors.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the K7AN-R and the K7GE insulation resistance monitor?
    • ⤷ What specific CT sensors are compatible with the K7AN-R?
    • ⤷ How do I configure the RS-485 communication settings for this unit?