データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KAC-ACA-R

  • AI
    The **KAC-ACA-R** (often associated with the KAC Alarm Company) refers to a **Manual Call Point (MCP)**, specifically a surface-mounting plastic box or the internal assembly for addressable or conventional fire alarm systems. Below is a breakdown of its electronic components, specifications, and internal mechanism. --- ## 1. Core Electronic Components The KAC-ACA-R is designed to interface between the physical trigger (pressing the glass/plastic) and the fire alarm control panel. | Component | Description | Function | | :--- | :--- | :--- | | **Microswitch** | High-reliability internal switch | Changes state (Open to Closed) when the element is pressed. | | **Resistor (Optional)** | Usually 470Ω or 680Ω | Used in conventional systems to limit current and signal an "Alarm" state. | | **Terminal Block** | Plug-and-play screw terminals | Facilitates the connection of the loop wiring (In/Out). | | **LED Indicator** | Integrated Red LED | Illuminates when the device is activated to show the location of the fire. | | **PCB Assembly** | Printed Circuit Board | Houses the logic (for addressable models) or the resistor network (for conventional). | --- ## 2. Technical Specifications The electronic behavior of the unit varies depending on whether it is a "Simple Contact" or a "Resistor" version. * **Operating Voltage:** Typically 15VDC to 30VDC (Loop powered). * **Current Consumption:** * *Quiescent:* < 200µA (Standby). * *Alarm:* ~2mA to 5mA (LED active). * **Contact Rating:** Usually rated for 30VDC at 2 Amps. * **Ingress Protection:** IP24D (Standard indoor rating). --- ## 3. Circuit Operation The KAC-ACA-R operates on a simple "Break-to-Make" or "Make-to-Break" logic: ### Monitoring State (Normal) The circuit remains open or monitors a high resistance. The internal spring keeps the microswitch depressed. ### Triggered State (Alarm) 1. The **Frangible Element** (glass or flexible plastic) is pushed. 2. The internal **Switch Mechanism** is released. 3. The **Microswitch** toggles, completing the circuit through the internal resistor. 4. The **Control Panel** detects the change in current/voltage and triggers the alarm. --- ## 4. Wiring Diagram Representation Most KAC-ACA-R units use a 4-terminal system for easy "daisy-chain" installation: ```text Terminal 1: Positive (+) In Terminal 2: Positive (+) Out Terminal 3: Negative (-) In/Out (Common) Terminal 4: Shield/Earth ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the addressable and conventional versions of the KAC call point?
    • ⤷ How do you reset a KAC-ACA-R after it has been activated?
    • ⤷ What is the function of the EOL (End of Line) resistor in these units?