データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KAS-16D-R

  • AI
    The **KAS-16D-R** is a specific model of a **Dry Contact Output Module** or **Relay Board**, commonly used in industrial automation, PLC (Programmable Logic Controller) systems, and telecommunications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The KAS-16D-R serves as an interface between low-power control signals (from a computer or PLC) and high-power field devices. It acts as a "bridge" that allows a digital controller to switch physical loads. ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Number of Channels** | 16-Channel | | **Output Type** | Relay (Form A - Normally Open) | | **Contact Rating** | Usually 5A at 250VAC or 5A at 30VDC | | **Mounting Type** | DIN Rail Mounting | | **Input Signal** | DC Voltage (typically 24VDC or 12VDC depending on specific coil) | | **Isolation** | Photo-coupler or Magnetic (Relay) Isolation | --- ### 3. Key Electronic Components The module is composed of several critical electronic parts that ensure safe and efficient operation: #### A. Electromagnetic Relays The "heart" of the module. When the input side receives power, an internal coil creates a magnetic field that physically closes a switch to complete the high-voltage circuit. #### B. Flyback Diodes (Freewheeling Diodes) Since relays are inductive loads, they can produce a high-voltage spike when turned off. The KAS-16D-R includes diodes across the relay coils to protect the driving transistors from these back-EMF spikes. #### C. LED Status Indicators Each of the 16 channels typically has an SMD LED. - **On:** The relay is energized (circuit closed). - **Off:** The relay is de-energized (circuit open). #### D. Terminal Blocks High-quality screw terminals are used for the interface: * **Input Side:** Where the control signals are connected. * **Output Side:** Where the external load (motors, lights, valves) is connected. --- ### 4. Wiring Diagram Concept Typically, the wiring for a single channel on the KAS-16D-R looks like this: ```text [ Controller (PLC) ] ---> [ KAS-16D-R Input ] | [ Relay Coil ] --- (Isolation Gap) --- [ Contact Switch ] | [ External Load (e.g., 220V Motor) ] ``` --- ### 5. Common Applications * **PLC Expansion:** Adding more output ports to a factory controller. * **Voltage Level Shifting:** Using a 24V logic signal to switch a 220V AC motor. * **Galvanic Isolation:** Protecting sensitive electronics from noise or surges on the power line.
    ✨ Follow-up Questions
    • ⤷What is the maximum switching frequency for the KAS-16D-R relays?
    • ⤷ Can the KAS-16D-R handle inductive loads without external snubbers?
    • ⤷ Is there a Solid State Relay (SSR) version of the KAS series?