データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KB1502A

  • AI
    The **KB1502A** is a specialized integrated circuit (IC) primarily used as a **White LED Driver** or a **Step-Up DC-DC Converter**. It is commonly found in battery-powered devices where a stable, higher voltage is required to drive LED backlights from a lower voltage source (like a Li-ion battery). --- ## 1. Technical Specifications The following table highlights the core electrical characteristics of the KB1502A: | Feature | Description / Value | | :--- | :--- | | **Function** | Constant Current Step-Up (Boost) Converter | | **Input Voltage Range** | 2.5V to 6.0V | | **Output Voltage** | Up to 27V (Supports series LEDs) | | **Switching Frequency** | 1.0 MHz to 1.2 MHz (High frequency) | | **Efficiency** | Up to 85% - 90% | | **Package Type** | SOT-23-5 or SOT-23-6 | | **Feedback Voltage** | 95mV to 104mV (Low reference for efficiency) | --- ## 2. Key Components & Pinout The KB1502A typically utilizes a 5-pin or 6-pin configuration. Below is the standard pin functional description: 1. **SW (Switch):** The drain of the internal N-channel MOSFET. This connects to the inductor and diode. 2. **GND:** Ground reference. 3. **FB (Feedback):** Senses the LED current via a resistor to regulate brightness. 4. **EN (Enable):** Logic high turns the IC on. Often used for PWM dimming. 5. **VIN:** Power supply input. --- ## 3. Circuit Operation Principles To function correctly, the KB1502A requires a few external "supporting" parts: ### A. The Inductor (L1) Acts as the energy storage element. When the internal switch is ON, energy builds in the magnetic field; when OFF, it releases energy into the LEDs. Usually values between **10µH and 22µH** are used. ### B. Schottky Diode (D1) Crucial for high-speed switching. It prevents current from flowing back from the output capacitor to the SW pin. ### C. Feedback Resistor ($R_{set}$) The brightness is controlled by the formula: $$I_{LED} = \frac{V_{FB}}{R_{set}}$$ *Where $V_{FB}$ is approximately 0.1V.* --- ## 4. Typical Applications * **Mobile Phones:** Backlighting for LCD screens. * **Handheld GPS:** Powering high-brightness LED arrays. * **Portable Media Players:** Efficient battery-to-LED power conversion. * **Digital Cameras:** Flash or display illumination. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum number of LEDs that can be driven in series by the KB1502A?
    • ⤷ How does PWM dimming work with the EN pin on this IC?
    • ⤷ What are the recommended values for the input and output capacitors?