データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KCEZ-BA-R

  • AI
    The **KCEZ-BA-R** is an electronic component primarily classified as a **Tactile Switch** or a specific type of **Pushbutton Switch**, often associated with manufacturers like Mitsumi or similar electronic hardware providers. These are commonly used in consumer electronics for user interface control. --- ### 1. Key Technical Specifications The following table outlines the general electrical and mechanical characteristics typically found in this series of switches: | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Momentary Tactile Switch | | **Mounting Type** | Surface Mount (SMD) / Right Angle | | **Operating Force** | 1.6N to 2.5N (varies by sub-model) | | **Contact Rating** | 50mA, 12V DC | | **Contact Resistance** | < 100 mΩ | | **Insulation Resistance** | > 100 MΩ at 100V DC | | **Life Cycle** | 50,000 to 100,000 cycles | --- ### 2. Physical Design & Composition The KCEZ-BA-R is designed for space-constrained environments. Its construction usually involves: * **Actuator:** The physical button pressed by the user. In the "BA-R" designation, this is often a low-profile plastic plunger. * **Terminals:** Silver-plated or gold-plated leads for high conductivity and oxidation resistance. * **Casing:** Heat-resistant thermoplastic (LCP or similar) capable of withstanding lead-free reflow soldering temperatures. * **Contact Dome:** A stainless steel or copper alloy snap-dome that provides the "click" feedback and completes the circuit. --- ### 3. Circuit Configuration Most components in this category utilize a **SPST (Single Pole Single Throw)** normally open configuration. ```c // Schematic Representation [ Terminal 1 ] ----/ ---- [ Terminal 2 ] (Switch Open) ``` When the button is pressed, the metal dome collapses, creating a bridge between Terminal 1 and Terminal 2. Once released, the dome springs back, breaking the connection. --- ### 4. Common Applications Due to its small footprint and reliability, the KCEZ series is found in: 1. **Handheld Devices:** Smartphones, digital cameras, and portable gaming consoles. 2. **Home Appliances:** Control panels for microwaves, washing machines, or coffee makers. 3. **Industrial Controls:** Reset buttons or mode selectors on PCB boards.
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions of the KCEZ-BA-R footprint for PCB layout?
    • ⤷ Is the KCEZ-BA-R compatible with lead-free reflow soldering processes?
    • ⤷ What is the difference between the BA-R and other variants in the KCEZ series?