データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KCK-14-R

  • AI
    The **KCK-14-R** is an electronic component primarily classified as a **Precision Trimmer Potentiometer** (variable resistor). These components are widely used in circuit design to allow for fine adjustments to voltage or current after a board has been manufactured. --- ## 1. Technical Specifications The "KCK" series typically follows standard industry specifications for cermet trimmers. Below are the general characteristics: | Feature | Specification | | :--- | :--- | | **Element Material** | Cermet (Ceramic-Metal) | | **Mounting Type** | Through-Hole (PCB) | | **Adjustment Type** | Side Adjust / Top Adjust (Depending on exact sub-series) | | **Number of Turns** | Single Turn (usually 270° - 300° mechanical) | | **Resistance Range** | Typically 10Ω to 2MΩ (Check suffix for specific value) | | **Power Rating** | ~0.5W at 70°C | | **Operating Temp** | -55°C to +125°C | --- ## 2. Component Structure The KCK-14-R consists of three main electronic parts internally: 1. **Resistive Element:** A circular track made of Cermet. It provides high stability and a low temperature coefficient. 2. **Wiper:** A metal contact that slides across the resistive track when the screw/knob is turned. 3. **Terminals:** Three pins—two connected to the ends of the resistive track and one (the middle pin) connected to the wiper. ### Pinout Configuration * **Pin 1 & 3:** Fixed resistance (the total value of the pot). * **Pin 2 (Center):** The variable output (wiper). As you rotate the adjustment slot, the resistance between Pin 1-2 and Pin 2-3 changes inversely. --- ## 3. Applications The "R" suffix often indicates **RoHS compliance** (Restriction of Hazardous Substances), making it suitable for modern industrial standards. Common uses include: * **Calibration:** Setting the gain of an operational amplifier. * **Sensor Tuning:** Adjusting the threshold for a light or temperature sensor. * **Power Supplies:** Fine-tuning the output voltage of a regulator circuit. * **Timing Circuits:** Adjusting the RC constant in 555 timer applications. --- ## 4. Part Number Breakdown (Generic) | Segment | Meaning | | :--- | :--- | | **KCK** | Manufacturer series code (Precision Cermet Trimmer). | | **14** | Physical size/case style (usually 1/4 inch or 6mm). | | **R** | RoHS Compliant (Lead-free). |
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value for your KCK-14-R unit?
    • ⤷ How do I test if the wiper on a KCK-14-R is functioning correctly using a multimeter?
    • ⤷ What are the physical dimensions and pin spacing for the KCK-14-R series?