データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KD-R

  • AI
    The JVC **KD-R** series refers to a popular line of in-dash single-DIN CD receivers. These units are complex electronic systems combining analog audio processing, digital control, and power management. Below is an explanation of the primary electronic components found within these head units. --- ### 1. Core Electronic Modules | Component | Function | Description | | :--- | :--- | :--- | | **Microcontroller (MCU)** | The "Brain" | An integrated circuit that coordinates the display, buttons, remote signals, and volume control. | | **Power Amplifier IC** | Sound Output | Typically a MOSFET-based chip (often 50W x 4) that boosts low-level audio signals to drive the car speakers. | | **D/A Converter (DAC)** | Digital-to-Analog | Converts digital data from CDs or USB drives into analog electrical waves for the speakers. | | **EEPROM** | Memory | Stores user settings like radio presets, EQ levels, and clock time even when the car is off. | --- ### 2. Signal and Interface Components * **Tuner Module:** A shielded metal box or dedicated IC that filters and demodulates AM/FM radio signals. * **LCD/VFD Display Driver:** Manages the pixels or segments on the front panel to show track information and menus. * **Pre-amp Section:** Uses Op-Amps (Operational Amplifiers) to prepare the signal for external subwoofers or amplifiers via RCA outputs. --- ### 3. Power and Protection Circuitry Modern KD-R units include several "passive" and protective electronic parts: 1. **Electrolytic Capacitors:** Large cylinders used to smooth out voltage spikes from the car's alternator and provide "reserve" energy for deep bass notes. 2. **Schottky Diodes:** Used for reverse-polarity protection (preventing damage if the power wires are connected backward). 3. **Voltage Regulators:** Stepped-down components that convert 12V-14V car power into steady 5V or 3.3V for the delicate logic chips. 4. **Resettable Fuses (PTC):** Protect the internal circuitry from short circuits in the speaker wiring. --- ### 4. Connectivity Electronics * **USB Controller:** Manages data handshake between external thumb drives/phones and the internal processor. * **Bluetooth Module (on "BT" models):** A small daughterboard with a 2.4GHz antenna for wireless streaming and hands-free calling. * **Optical Pickup:** The laser assembly in the CD deck that reads the physical pits on a disc using a photodiode. --- ### Example: Typical Power Stage Code Internal repair technicians often look for specific IC codes similar to this: ```cpp // Logic for Thermal Protection (Pseudo-code representation) if (Amplifier_Temp > 105) { Shutdown_Output(ALL_CHANNELS); Display_Error("PROTECT MODE"); } ```
    ✨ Follow-up Questions
    • ⤷What are the most common electronic failure points in JVC KD-R units?
    • ⤷ How do I bypass the 'Protect' mode caused by speaker wire shorts?
    • ⤷ What is the difference between the MOSFET power chips used in JVC vs. Pioneer units?