データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KEP-3A-R

  • AI
    The **KEP-3A-R** is a specific electronic component, typically categorized as a **piezoelectric buzzer** or an external-drive audio transducer. It is widely used in consumer electronics, medical devices, and alarm systems for sound generation. ### 1. Technical Specifications Below are the typical electronic characteristics for the KEP-3A-R series: | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | Piezoelectric Diaphragm / Transducer | | **Operating Voltage** | 1.0 - 30.0 Vp-p (Max) | | **Rated Voltage** | 3.0 Vp-p | | **Current Consumption** | $\leq$ 3 mA | | **Resonant Frequency** | 4,000 Hz $\pm$ 500 Hz | | **Sound Pressure Level (SPL)** | $\geq$ 80 dB (at 10cm / 3Vp-p) | | **Operating Temperature** | -20°C to +70°C | | **Mounting Type** | Through-hole (Pins) | --- ### 2. Core Electronic Components & Construction The device is not a complex circuit but rather an electromechanical assembly consisting of: * **Piezoelectric Ceramic Disk:** The heart of the part. It consists of a ceramic material (like Lead Zirconate Titanate) bonded to a metal plate (usually brass or stainless steel). * **Housing/Resonant Chamber:** A plastic casing (often Noryl or PBT) designed to amplify the sound waves produced by the ceramic disk. * **Terminals:** Two metal pins for PCB mounting. Unlike "indicators," this "transducer" model typically requires an external oscillating circuit to produce sound. --- ### 3. Circuit Integration Since the KEP-3A-R is a **transducer (external drive)**, it behaves like a capacitor in a circuit. To generate sound, you must provide a square wave at its resonant frequency (approx. 4kHz). #### Basic Driving Circuit (Transistor Switched) ```cpp // Logic representation for a microcontroller (e.g., Arduino/ESP32) void setup() { pinMode(9, OUTPUT); // Connect to Base of NPN Transistor } void loop() { tone(9, 4000); // Send 4kHz square wave to trigger piezo delay(1000); noTone(9); delay(1000); } ``` --- ### 4. Key Applications * **User Interface Feedback:** Beeps on microwave ovens, washing machines, or control panels. * **Alerts:** Low battery indicators in handheld devices. * **Medical Equipment:** Heart rate monitors or diagnostic tool notifications. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an active buzzer and a passive transducer like the KEP-3A-R?
    • ⤷ Can this part be driven directly from a microcontroller pin without a transistor?
    • ⤷ What is the importance of the resonant frequency in this component?