データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • KFS-02-R

  • AI
    ## Overview of the KFS-02-R The **KFS-02-R** is a specific model of an **optical fiber fusion splicer heater** or a dedicated **fiber stripping/cleaving component** (depending on the specific manufacturer, though it is most commonly associated with heating elements for fiber protection sleeves). Below is a breakdown of the electronic and mechanical parts typically found in this module. --- ### 1. Key Electronic Components | Component | Function | Technical Detail | | :--- | :--- | :--- | | **Heating Element** | Generates thermal energy | Usually a resistive ceramic heater or a high-resistance wire mesh. | | **Thermistor (NTC/PTC)** | Temperature monitoring | Provides real-time feedback to the control board to prevent overheating. | | **Micro-Switch** | Lid detection | Ensures the heater only activates when the safety cover is closed. | | **LED Indicators** | Status signaling | Displays power state, heating progress, and cooling completion. | | **Flexible PCB (FPC)** | Internal wiring | Connects the heater module to the main logic board of the fusion splicer. | --- ### 2. Functional Sections ### A. Thermal Control System The KFS-02-R relies on a **PID (Proportional-Integral-Derivative)** control loop managed by the main fusion splicer CPU. - **Input:** Target temperature (e.g., 180°C to 240°C for shrink sleeves). - **Electronic Action:** The system pulses voltage (PWM) to the heating element based on the thermistor readings to maintain a constant temperature. ### B. Safety Mechanisms - **Overcurrent Protection:** Fuses or resettable PTCs protect the circuit from shorting. - **Auto-Shutoff:** An electronic timer cuts power if the heating cycle exceeds a pre-defined limit (usually 30-90 seconds). ### C. Mechanical Interface - **Pressure Spring:** Ensures the fiber protection sleeve is held firmly against the heating plate for even heat distribution. - **Heat-Resistant Casing:** Usually made of PPS (Polyphenylene sulfide) or similar high-temp plastics to protect the user from burns. --- ### 3. Specifications Table | Parameter | Typical Value | | :--- | :--- | | **Operating Voltage** | 12V - 15V DC | | **Power Consumption** | 20W - 40W (during peak heating) | | **Cycle Time** | 15 to 30 seconds | | **Compatible Sleeves** | 40mm, 60mm Standard Protection Sleeves | --- ### Maintenance Note Because the KFS-02-R is a thermal component, the most common failure points are **carbon buildup** on the heating plate or **fatigue in the FPC cable** due to repeated opening and closing of the heater lid.
    ✨ Follow-up Questions
    • ⤷ How do I troubleshoot a 'Heater Error' on a KFS-02-R module?
    • ⤷ Can the KFS-02-R heating temperature be adjusted manually?
    • ⤷ What is the specific pinout for the KFS-02-R connector?